Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMFC5250P0022 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # MMFC5250P0022
Description  Multi-Mode Single Window Wideband Fiber Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MMFC5250P0022 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  MMFC5250P0022 Datasheet HTML 1Page - OPLINK Communications Inc. MMFC5250P0022 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMFC
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Mechanical Drawing / Package Dimensions (dimension in mm)
L
Ø
Port 4 (terminated for 1x2
configuration)
Port 1 In
Port 2 Main (High%)
Port 3 Tap (Low%)
0
0
Wavelength
850/1310 nm = 1
1310/1550 nm = 2
1310 nm = 3
1550 nm = 5
850 nm = 8
Split Ratio
Grade
Fiber Length
Fiber Type
Package
Type
1x2 = 1
2x2 = 2
P Grade = P
A Grade = A
1 Meter= 1*
1.5 Meters= 5
2 Meters= 2
62.5/125 fiber = 1
50/125 fiber = 2
P1=1
P2=2
P3=3
Connetor Type
None= 1
FC/PC= 2
FC/SPC= 3
FC/APC= 4
SC/PC= 5
SC/SPC= 6
SC/APC= 7
ST= 8
LC= 9
MU= A
Multi-Mode Single Window Wideband
Fiber Coupler (1x2, 2x2)
MMFC Series
R02.20090612
50/50 = 50
Type
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.


Similar Part No. - MMFC5250P0022

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
   Fused Fiber Coupler
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
   Multi-Mode Single Window Wideband Fused Fiber Coupler
MMFC1150A001111 OPLINK-MMFC1150A001111 Datasheet
212Kb / 2P
   Fused Fiber Coupler
MMFC1150A001112 OPLINK-MMFC1150A001112 Datasheet
212Kb / 2P
   Fused Fiber Coupler
MMFC1150A001113 OPLINK-MMFC1150A001113 Datasheet
212Kb / 2P
   Fused Fiber Coupler
More results

Similar Description - MMFC5250P0022

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
   Multi-Mode Single Window Wideband Fused Fiber Coupler
SWFC5333P OPLINK-SWFC5333P Datasheet
134Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC-S0070 OPLINK-SWFC-S0070 Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3 OPLINK-SWFC1X3 Datasheet
154Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC3150P OPLINK-UWFC3150P Datasheet
279Kb / 2P
   Single Window Single-Mode Wideband Fiber Coupler
SWFC9101P OPLINK-SWFC9101P Datasheet
303Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3-S0169 OPLINK-SWFC1X3-S0169 Datasheet
155Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC OPLINK-SWFC Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
DWFC0150P00L011 OPLINK-DWFC0150P00L011 Datasheet
278Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com