Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5603 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N5603
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N5603 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N5603 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N5603 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N5603 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
2N5597 2N5599 2N5601 2N5603
DESCRIPTION
・With TO-66 package
・Excellent safe operating area
・Low collector-emitter saturation voltage
APPLICATIONS
・For high frequency power amplifier ;
audio power amplifier and drivers.
PINNING(see Fig.2)
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Fig.1 simplified outline (TO-66) and symbol
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2N5597
60
2N5599/5601
80
VCBO
Collector-base voltage
2N5603
Open emitter
100
V
2N5597
80
2N5599/5601
100
VCEO
Collector-emitter voltage
2N5603
Open base
120
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
2
A
PD
Total power dissipation
TC=25℃
20
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
4.37
℃/W
JMnic


Similar Part No. - 2N5603

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5603 SEME-LAB-2N5603 Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66 Metal Package.
logo
Savantic, Inc.
2N5603 SAVANTIC-2N5603 Datasheet
115Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N5603 ISC-2N5603 Datasheet
140Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2N5603 SAVANTIC-2N5603 Datasheet
116Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N5603 NJSEMI-2N5603 Datasheet
127Kb / 2P
   Silicon PNP Power Transistors
More results

Similar Description - 2N5603

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com