Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITMSD02050011 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # ITMSD02050011
Description  Single Channel Integrated Tap Monitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

ITMSD02050011 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  ITMSD02050011 Datasheet HTML 1Page - OPLINK Communications Inc. ITMSD02050011 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ITMS
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Standard Package (P1, Bare Fiber or Loose Tube)
Miniature Package (P4, Bare Fiber only)
Miniature Package (P5, Loose Tube only)
Standard Package Pin Assignment
Pin 1: Anode
Pin 2: Cathode
Pin 3: Case Ground
Input(Black)
Note:
Anode is connected to the metal housing.
Input(Blue)
Output(White)
Note:
Anode is connected to the metal housing.
0
0
Tap Ratio
2/98 = 02
5/95 = 05
10/90 = 10
Wavelength
Bandwidth
Package & Fiber Type
Fiber Length
0.5G= 05
2.0G= 20
P1+250µm bare fiber =11
P1+900µm loose tube =12
P4+250µm bare fiber = 41
P5+900µm loose tube = 52
0.5meter= H
1.0meter= 1
1.5meter= 5
2.0meter= 2
Connector
Type
None = 1
FC/PC=2
FC/SPC=3
FC/APC=4
SC/PC=5
SC/SPC=6
SC/APC=7
ST=8
LC=9
MU=A
Single Channel Integrated Tap Monitors
ITMS Series
R06.20080813
1310/1550nm= D
1310nm= 3
C+L band= E
RoHS:
1. Add “G” to the end of the above PN for RoHS 6 Requirement.


Similar Part No. - ITMSD02050011

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
ITMS OPLINK-ITMS Datasheet
142Kb / 1P
   Eco Series Single Channel Integrated Tap Monitors
ITMS-S0019 OPLINK-ITMS-S0019 Datasheet
127Kb / 2P
   Single Channel Integrated Tap Monitors
logo
Red Lion Controls. Inc
ITMS4037 REDLION-ITMS4037 Datasheet
740Kb / 16P
   MODEL ITMS - INTELLIGENT TEMPERATURE TO MODBUS CONDITIONER W/ ALARMS
logo
OPLINK Communications I...
ITMS8050100111 OPLINK-ITMS8050100111 Datasheet
217Kb / 2P
   850 nm Window Multi-mode Single Channel Integrated Tap Monitors
ITMS8050100112 OPLINK-ITMS8050100112 Datasheet
217Kb / 2P
   850 nm Window Multi-mode Single Channel Integrated Tap Monitors
More results

Similar Description - ITMSD02050011

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
ITMS-S0019 OPLINK-ITMS-S0019 Datasheet
127Kb / 2P
   Single Channel Integrated Tap Monitors
UTMS OPLINK-UTMS Datasheet
260Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
UTMS-S0074 OPLINK-UTMS-S0074 Datasheet
260Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
UTMSD0220 OPLINK-UTMSD0220 Datasheet
231Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
ITMSECO-S0193 OPLINK-ITMSECO-S0193 Datasheet
142Kb / 1P
   Eco Series Single Channel Integrated Tap Monitors
BTMS-S0003 OPLINK-BTMS-S0003 Datasheet
351Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
ITMS OPLINK-ITMS Datasheet
142Kb / 1P
   Eco Series Single Channel Integrated Tap Monitors
ITMSE05ECO81111G OPLINK-ITMSE05ECO81111G Datasheet
162Kb / 1P
   Eco Series Single Channel Integrated Tap Monitors
BTMSD02050011H OPLINK-BTMSD02050011H Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
ITMSMM OPLINK-ITMSMM Datasheet
218Kb / 2P
   Integrated Tap Monitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com