Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3EZ9.1D5 Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # 3EZ9.1D5
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

3EZ9.1D5 Datasheet(HTML) 2 Page - SynSemi, Inc.

  3EZ9.1D5 Datasheet HTML 1Page - SynSemi, Inc. 3EZ9.1D5 Datasheet HTML 2Page - SynSemi, Inc. 3EZ9.1D5 Datasheet HTML 3Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
3EZ3.9D5
3.9
192
4.5
400
1.0
80
1.0
630
3EZ4.3D5
4.3
174
4.5
400
1.0
30
1.0
590
3EZ4.7D5
4.7
160
4.0
500
1.0
20
1.0
550
3EZ5.1D5
5.1
147
3.5
550
1.0
5.0
1.0
520
3EZ5.6D5
5.6
134
2.5
600
1.0
5.0
2.0
480
3EZ6.2D5
6.2
121
1.5
700
1.0
5.0
3.0
435
3EZ6.8D5
6.8
110
2.0
700
1.0
50
4.0
393
3EZ7.5D5
7.5
100
2.0
700
0.5
50
5.0
360
3EZ8.2D5
8.2
91
2.3
700
0.5
50
6.0
330
3EZ9.1D5
9.1
82
2.5
700
0.5
50
7.0
297
3EZ10D5
10
75
3.5
700
0.3
50
7.6
270
3EZ11D5
11
68
4.0
700
0.25
50
8.4
225
3EZ12D5
12
63
4.5
700
0.25
1.0
9.1
246
3EZ13D5
13
58
4.5
700
0.25
0.5
9.1
208
3EZ14D5
14
53
5.0
700
0.25
0.5
10.6
193
3EZ15D5
15
50
5.5
700
0.25
0.5
11.4
180
3EZ16D5
16
47
5.5
700
0.25
0.5
12.2
169
3EZ17D5
17
44
6.0
750
0.25
0.5
13.0
159
3EZ18D5
18
42
6.0
750
0.25
0.5
13.7
150
3EZ19D5
19
40
7.0
750
0.25
0.5
14.4
142
3EZ20D5
20
37
7.0
750
0.25
0.5
15.2
135
3EZ22D5
22
34
8.0
750
0.25
0.5
16.7
123
3EZ24D5
24
31
9.0
750
0.25
0.5
18.2
112
3EZ27D5
27
28
10
750
0.25
0.5
20.6
100
3EZ28D5
28
27
12
750
0.25
0.5
21.0
96
3EZ30D5
30
25
16
1000
0.25
0.5
22.5
90
3EZ33D5
33
23
20
1000
0.25
0.5
25.1
82
3EZ36D5
36
21
22
1000
0.25
0.5
27.4
75
3EZ39D5
39
19
28
1000
0.25
0.5
29.7
69
3EZ43D5
43
17
33
1500
0.25
0.5
32.7
63
3EZ47D5
47
16
38
1500
0.25
0.5
35.6
57
3EZ51D5
51
15
45
1500
0.25
0.5
38.8
53
3EZ56D5
56
13
50
2000
0.25
0.5
42.6
48
3EZ62D5
62
12
55
2000
0.25
0.5
47.1
44
3EZ68D5
68
11
70
2000
0.25
0.5
51.7
40
3EZ75D5
75
10
85
2000
0.25
0.5
56.0
36
3EZ82D5
82
9.1
95
3000
0.25
0.5
62.2
33
3EZ91D5
91
8.2
115
3000
0.25
0.5
69.2
30
3EZ100D5
100
7.5
160
3000
0.25
0.5
76.0
27
Page 2 of 3
Rev. 01 : January 10, 2004


Similar Part No. - 3EZ9.1D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
3EZ9.1D5 EIC-3EZ9.1D5 Datasheet
37Kb / 3P
   SILICON ZENER DIODES
logo
SEC Electronics Inc.
3EZ9.1D5 SECELECTRONICS-3EZ9.1D5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
Jinan Gude Electronic D...
3EZ9.1D5 JGD-3EZ9.1D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
logo
SeCoS Halbleitertechnol...
3EZ9.1D5 SECOS-3EZ9.1D5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
New Jersey Semi-Conduct...
3EZ9.1D5 NJSEMI-3EZ9.1D5 Datasheet
151Kb / 1P
   Ref/Reg Diode, P(D) = 1W
More results

Similar Description - 3EZ9.1D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com