Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL2845D-8 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL2845D-8
Description  CURRENT-MODE PWM CONTROLLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2845D-8 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL2845D-8 Datasheet HTML 4Page - Texas Instruments TL2845D-8 Datasheet HTML 5Page - Texas Instruments TL2845D-8 Datasheet HTML 6Page - Texas Instruments TL2845D-8 Datasheet HTML 7Page - Texas Instruments TL2845D-8 Datasheet HTML 8Page - Texas Instruments TL2845D-8 Datasheet HTML 9Page - Texas Instruments TL2845D-8 Datasheet HTML 10Page - Texas Instruments TL2845D-8 Datasheet HTML 11Page - Texas Instruments TL2845D-8 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038E – JANUARY 1989 – REVISED DECEMBER 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
DEAD TIME
vs
TIMING CAPACITANCE
Figure 4
100
40
10
4
0
CT – Timing Capacitance – nF
100
40
10
4
1
0.4
0.1
VCC = 15 V
RT ≥ 5 kΩ
TA = 25°C
TIMING RESISTANCE
vs
FREQUENCY
Figure 5
100
1 k
10 k
100 k
1 M
f - Frequency - Hz
100
40
10
4
1
VCC = 15 V
TA = 25°C
CT = 22 nF
CT = 47 nF
CT = 100 nF
CT = 10 nF
CT = 4.7 nF
CT = 22 nF
CT = 1 nF
open-loop laboratory test fixture
In the open-loop laboratory test fixture shown in Figure 6, high peak currents associated with loads necessitate
careful grounding techniques. Timing and bypass capacitors should be connected close to the GND terminal
in a single-point ground. The transistor and 5-k
Ω potentiometer sample the oscillator waveform and apply an
adjustable ramp to the ISENSE terminal.
2N2222
4.7 k
1 k
Error Amplifier
Adjust
4.7 k
5 k
ISENSE
Adjust
RT
100 k
COMP
VFB
ISENSE
RT/CT
REF
OUTPUT
GND
VCC
0.1
µF
0.1
µF
REF
VCC
OUTPUT
GND
1 k
Ω, 1 W
A
CT
TL284x
TL384x
DUT
Figure 6. Open-Loop Laboratory Test Fixture


Similar Part No. - TL2845D-8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2845D-8 TI-TL2845D-8 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2845D-8 TI-TL2845D-8 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2845D-8 TI-TL2845D-8 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL2845D-8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com