Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2EZ15D5 Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # 2EZ15D5
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

2EZ15D5 Datasheet(HTML) 2 Page - SynSemi, Inc.

  2EZ15D5 Datasheet HTML 1Page - SynSemi, Inc. 2EZ15D5 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@
V R
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
2EZ3.3D5
3.3
150
5.0
400
1.0
80
1.0
545
2EZ3.6D5
3.6
139
5.0
400
1.0
80
1.0
504
2EZ3.9D5
3.9
128
5.0
400
1.0
50
1.0
468
2EZ4.3D5
4.3
116
4.5
400
1.0
50
1.0
434
2EZ4.7D5
4.7
106
4.5
550
1.0
50
1.0
386
2EZ5.1D5
5.1
98.0
3.5
600
1.0
50
1.0
356
2EZ5.6D5
5.6
89.5
2.5
500
1.0
50
2.0
324
2EZ6.2D5
6.2
80.5
1.5
700
1.0
50
3.0
292
2EZ6.5D5
6.5
77.0
1.7
700
1.0
50
3.5
278
2EZ6.8D5
6.8
73.5
2.0
700
1.0
50
4.0
266
2EZ7.5D5
7.5
66.5
2.0
700
0.5
50
5.0
242
2EZ8.2D5
8.2
61.0
2.3
700
0.5
50
6.0
220
2EZ9.1D5
9.1
55.0
2.5
700
0.5
50
7.0
200
2EZ10D5
10
50.0
3.5
700
0.25
50
7.6
182
2EZ11D5
11
45.5
4.0
700
0.25
50
8.4
166
2EZ12D5
12
41.5
4.5
700
0.25
1.0
9.1
152
2EZ13D5
13
38.5
5.0
700
0.25
0.5
9.9
138
2EZ14D5
14
35.7
5.5
700
0.25
0.5
10.6
130
2EZ15D5
15
33.4
7.0
700
0.25
0.5
11.4
122
2EZ16D5
16
31.2
8.0
700
0.25
0.5
12.2
114
2EZ17D5
17
29.4
9.0
750
0.25
0.5
13.0
107
2EZ18D5
18
27.8
10
750
0.25
0.5
13.7
100
2EZ19D5
19
26.3
11
750
0.25
0.5
14.4
95
2EZ20D5
20
25.0
11
750
0.25
0.5
15.2
90
2EZ22D5
22
22.8
12
750
0.25
0.5
16.7
82
2EZ24D5
24
20.8
13
750
0.25
0.5
18.2
76
2EZ27D5
27
18.5
18
750
0.25
0.5
20.6
68
2EZ30D5
30
16.6
20
1000
0.25
0.5
22.5
60
2EZ33D5
33
15.1
23
1000
0.25
0.5
25.1
55
2EZ36D5
36
13.9
25
1000
0.25
0.5
27.4
50
2EZ39D5
39
12.8
30
1000
0.25
0.5
29.7
47
2EZ43D5
43
11.6
35
1500
0.25
0.5
32.7
43
2EZ47D5
47
10.6
40
1500
0.25
0.5
35.8
39
2EZ51D5
51
9.8
48
1500
0.25
0.5
38.8
36
2EZ56D5
56
9.0
55
2000
0.25
0.5
42.6
32
2EZ62D5
62
8.1
60
2000
0.25
0.5
47.1
29
2EZ68D5
68
7.4
75
2000
0.25
0.5
51.7
27
2EZ75D5
75
6.7
90
2000
0.25
0.5
56.0
24
2EZ82D5
82
6.1
100
3000
0.25
0.5
62.2
22
2EZ91D5
91
5.5
125
3000
0.25
0.5
69.2
20
2EZ100D5
100
5.0
175
3000
0.25
0.5
76.0
18
2EZ110D5
110
4.5
250
4000
0.25
0.5
83.6
17
2EZ120D5
120
4.2
325
4500
0.25
0.5
91.2
15
2EZ130D5
130
3.8
400
5000
0.25
0.5
98.8
14
2EZ140D5
140
3.6
500
5500
0.25
0.5
106.4
13
2EZ150D5
150
3.3
575
6000
0.25
0.5
114.0
12
2EZ160D5
160
3.1
650
6500
0.25
0.5
121.6
11
2EZ170D5
170
2.9
675
7000
0.25
0.5
130.4
11
2EZ180D5
180
2.8
725
7000
0.25
0.5
136.8
10
2EZ190D5
190
2.6
825
8000
0.25
0.5
144.8
10
2EZ200D5
200
2.5
900
8000
0.25
0.5
152.0
9.0
2EZ220D5
220
2.0
2000
8500
0.25
0.5
167.0
8.0
2EZ270D5
270
1.6
2200
8500
0.25
0.5
205.0
6.7
Notes :
(1)
Suffix " 5 " indicates
± 5% tolerance, suffix " 10 " indicates ± 10% tolerance.
(2) " EZ " will be omitted in marking on the diode
Page 2 of 2
Rev. 03 : January 10, 2004


Similar Part No. - 2EZ15D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
2EZ15D5 EIC-2EZ15D5 Datasheet
27Kb / 2P
   SILICON ZENER DIODES
logo
First Silicon Co., Ltd
2EZ15D5 FS-2EZ15D5 Datasheet
85Kb / 2P
   Vz : 3.6 - 200 Volts, PD : 2 Watts
logo
Diotech Company.
2EZ15D5 DIOTECH-2EZ15D5 Datasheet
650Kb / 3P
   2W SILICON ZENER DIODE
logo
Microsemi Corporation
2EZ15D5 MICROSEMI-2EZ15D5 Datasheet
164Kb / 3P
   Silicon 2 Watt Zener Diode
logo
List of Unclassifed Man...
2EZ15D5 ETC2-2EZ15D5 Datasheet
248Kb / 3P
   Transient Voltage Suppressor
More results

Similar Description - 2EZ15D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com