Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWFC0120P00L0 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # DWFC0120P00L0
Description  Dual Window Single Mode Wideband Fiber Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DWFC0120P00L0 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  DWFC0120P00L0 Datasheet HTML 1Page - OPLINK Communications Inc. DWFC0120P00L0 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
DWFC Series
Specifications
Unit
Wavelength Range
1310 ±40 and1550±40
nm
Fiber Type
Corning SMF-28
Insertion Loss [1]
See Insertion Loss Table
dB
Return Loss [1] (Min)
55
dB
Directivity (Min)
55
dB
TDL [2] (Max)
Signal Path: < 0.10 dB, Tap Path: < 0.15 dB
dB
Maximum Power Handling
4
W
Operating Temperature Range [3]
- 40 to + 75
°C
Storage Temperature Range
- 40 to + 85
°C
Package Dimensions [4]
P1: 250 µm bare fiber
P2: 900 µm loose tube
P3: 3mm cable
(Ø) 3.0 x (L) 47.0
(Ø) 3.0 x (L) 60.0
(L) 96.0 x (W) 12.0 x (H) 6.4
mm
Qualifications
Telcordia GR-1221
Applications
Performance Specificationns
Note:
[1] Values are referenced without connector loss.
[2] Temperature Sensitivity Coefficient ~0.002dB/°C at the range of –5 to 75°C.
[3] Operating temperature range changes to -5 to 75°C in P2, P3 package and all package with connectors
[4] The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
Port 1 In
L
Ø
Port 2 Main (High%)
Port 3 Tap (Low%)
Port 4 (terminated for
1x2 conguration)
R04.20081212
Dual Window Single Mode Wideband
Fiber Coupler (1310 nm and 1510 nm band)
DWFC Series
The Oplink fused dual window wideband fiber 1x2 (2x2) couplers provide
accurate optical signal coupling and splitting over wide bandwidth with high
performance and high reliability.These couplers have excellent uniformity, low
excess loss and very low polarization sensitivity and are available with various
tap ratios, fiber types, and connector options. All devices are shown to be able
to handle high optical power up to 4W and are tested according to industry
standard procedures. Reliability is guaranteed through stringent tests to fully
meet Telcordia GR-1221 requirements.
Wavelength Independent
Low Insertion Loss and PDL
High Power Handling
Guranteed Reliability
Signal monitoring in EDFA
Network Monitoring
CATV
Local Area Networks
Testing Instruments
Laboratory R&D


Similar Part No. - DWFC0120P00L0

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DWFC0300A001111 OPLINK-DWFC0300A001111 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300A001112 OPLINK-DWFC0300A001112 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300A001113 OPLINK-DWFC0300A001113 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300A001114 OPLINK-DWFC0300A001114 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300A001115 OPLINK-DWFC0300A001115 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
More results

Similar Description - DWFC0120P00L0

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DWFC-S0011 OPLINK-DWFC-S0011 Datasheet
174Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC1X3-S0156 OPLINK-DWFC1X3-S0156 Datasheet
156Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300P001111 OPLINK-DWFC0300P001111 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
SWFC5333P OPLINK-SWFC5333P Datasheet
134Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC-S0070 OPLINK-SWFC-S0070 Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3 OPLINK-SWFC1X3 Datasheet
154Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC3150P OPLINK-UWFC3150P Datasheet
279Kb / 2P
   Single Window Single-Mode Wideband Fiber Coupler
SWFC9101P OPLINK-SWFC9101P Datasheet
303Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3-S0169 OPLINK-SWFC1X3-S0169 Datasheet
155Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com