Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR2488SM2LSHPLR2 Datasheet(PDF) 6 Page - OPLINK Communications Inc.

Part # DTR2488SM2LSHPLR2
Description  OC-48/STM-16 2x10 SFF Single Mode CWDM Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR2488SM2LSHPLR2 Datasheet(HTML) 6 Page - OPLINK Communications Inc.

  DTR2488SM2LSHPLR2 Datasheet HTML 1Page - OPLINK Communications Inc. DTR2488SM2LSHPLR2 Datasheet HTML 2Page - OPLINK Communications Inc. DTR2488SM2LSHPLR2 Datasheet HTML 3Page - OPLINK Communications Inc. DTR2488SM2LSHPLR2 Datasheet HTML 4Page - OPLINK Communications Inc. DTR2488SM2LSHPLR2 Datasheet HTML 5Page - OPLINK Communications Inc. DTR2488SM2LSHPLR2 Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
21737-0266, Rev. D
07-06-2005
Center Wavelength
C470: 1470nm
C490: 1490nm
C510: 1510nm
C530: 1530nm
C550: 1550nm
C570: 1570nm
C590: 1590nm
C610: 1610nm
Extended Shield
“Blank” : None
“S1” : Extended
EMI Shield
DTR-2488-SM2-LC/LS-W-G-CWDM
DTR - 2488 - SM2 - Lx - Ln - DR - XX - Wp - G - Cxxx - S1
Note: These are target distances to be used for classification and not for specification, per Telcordia GR-253-CORE/ITU-T Recommendation G.957.
Package with Extended
EMI Shield (S1)
Dimensions in inches [mm]
Default tolerances:
.xxx = + .005”, .xx = + .01”
48.39
1.905
[13.56 MAX]
.535 MAX
15.11
.60
14.09
.555
(Y)*
11.9
.47
3.6
.14
[9.78 MAX]
.385 MAX
(X)*
0.38
.015 TYP
9.65
.38
15.01
.59
15.6
.62
18.54
.730
10.16
.400
2X
1.02
.040
2X
2.54
.100
1.91
.075
[13.59 +0/-0.254]
.535 +0/-.01
8.89
.350
1.78
.070 TYP
PIN 1
PIN 10
PIN 11
[0.46]
0.18 TYP
6.25
.246
*(x) & (y): See Pin Length
Option Table in Ordering
Information
Optical Communication Products, Inc.
6101 Variel Avenue, Woodland Hills, CA 91367, Tel.: 818-251-7100, FAX: 818-251-7111, www.ocp-inc.com
© 2005, Optical Communication Products, Inc.
Optical Communication Products, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Optical Communication
Products, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Optical Communication Products, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Optical Communication Products, Inc.
Ordering Information
Light Output Option
L0 : -5 to 0dBm (IR-2)
HP : -2 to +3dBm (LR-2)
Distance Option (see Note)
IR2 : IR-2/S-16.2 (42/15km)
LR2 : LR-2/L-16.2 (80km)
Receiver Coupling Option
“Blank” : DC Coupling
“AC”
: AC Coupling
see Pin Length
Option Table
Pin Length Option Table
Options
(p)
Pin Length (x)
Post Length (y)
Inches
Millimeters
Inches
Millimeters
"blank"
0.140 + 0.010
3.56 + 0.250
0.125 + 0.010
- 0.005
3.17 + 0.250
- 0.125
5
0.155 + 0.010
3.94 + 0.250
0.155 + 0.010
- 0.005
3.94 + 0.250
- 0.125
8
0.180 + 0.010
4.57 + 0.250
0.180 + 0.010
- 0.005
4.57 + 0.250
- 0.125
Connector
LC : w/o EMI Shield
LS : w/ EMI Shield
or w/ Extended S1 Shield


Similar Part No. - DTR2488SM2LSHPLR2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-MM OPLINK-DTR-1250-MM Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-AC OPLINK-DTR-1250-MM-AC Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-AE OPLINK-DTR-1250-MM-AE Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-ES OPLINK-DTR-1250-MM-ES Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-FA OPLINK-DTR-1250-MM-FA Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
More results

Similar Description - DTR2488SM2LSHPLR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-5944LZ BOARDCOM-AFCT-5944LZ Datasheet
480Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Finisar Corporation.
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
logo
Broadcom Corporation.
AFCT-5942XXXZ BOARDCOM-AFCT-5942XXXZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Finisar Corporation.
FTRJ1321S1GTL FINISAR-FTRJ1321S1GTL Datasheet
499Kb / 10P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTLF1321S1GTL FINISAR-FTLF1321S1GTL Datasheet
252Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
logo
OPLINK Communications I...
DTR-2488-SM2-LC-W-G-MR OPLINK-DTR-2488-SM2-LC-W-G-MR Datasheet
202Kb / 6P
   2x10 SFF Single Mode Transceivers
logo
Finisar Corporation.
FTLF1621S1XCL FINISAR-FTLF1621S1XCL Datasheet
238Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTLF1721S1XCL FINISAR-FTLF1721S1XCL Datasheet
231Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com