Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-1250-SM-GB-H8-C570-I Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # DTR-1250-SM-GB-H8-C570-I
Description  5V Long Haul CWDM GBIC Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM-GB-H8-C570-I Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  DTR-1250-SM-GB-H8-C570-I Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-C570-I Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-C570-I Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-C570-I Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-C570-I Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
21737-0395, Rev. A
01/09/2004
Transmitter Performance Characteristics (over Operating Case Temperature, V
CC = 4.75 to 5.25V)
Receiver Performance Characteristics (over Operating Case Temperature, V
CC = 4.75 to 5.25V)
DTR-1250-SM-GB-CWDM-I
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate1
B
-1250
-
Mb/s
Optical Output Power2
H7
Po
- 2.0
-
+ 3.0
dBm
H8
0
-
+ 5.0
Center Wavelength
1470
λc
1464
1470
1477.5
nm
1490
1484
1490
1497.5
1510
1504
1510
1517.5
1530
1524
1530
1537.5
1550
1544
1550
1557.5
1570
1564
1570
1577.5
1590
1584
1590
1597.5
1610
1604
1610
1617.5
Spectral Width (-20dB)
∆λ20
--
1.0
nm
Extinction Ratio
Phi /Plo
9-
-
dB
Transmitter Disabled Optical Output Power2
Pdis
--
- 35.0
dBm
Deterministic Jitter
DJ
-
-
80
ps
Total Jitter
TJ
--
227
ps
Relative Intensity Noise
RIN
-
-
- 120
dB/Hz
Dispersion Penalty3
--
-
1.5
dB
Transmitter Output Eye
Compliant with Eye Mask Defined in IEEE 802.3z Standard
1Data rate ranges from 125Mb/s to 1300Mb/s. However, some degradation may be incurred in overall performance.
2Measured average power coupled into single mode fiber with 27-1 PRBS at 1250Mb/s.
3Specified at 1360ps/nm (H7) and 1540ps/nm (H8) dispersion, which corresponds to the approximate worst-case dispersion for 62km and
70km G.652 fiber respectively over the wavelength range of 1464 to 1617.5nm.
All parameters guaranteed only at typical data rate
Optical Communication Products, Inc.
DATE OF MANUFACTURE:
MANUFACTURED IN THE USA
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety: All transceivers are Class I Laser products per
FDA/CDRH standards. The H7 transceivers are Class I Laser
products while the H8 transceivers are Class 1M Laser products
per IEC-825 standards. They must be operated under specified
operating conditions.
All parameters guaranteed only at typical data rate
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate1
B
-
1250
-
Mb/s
Minimum Input Optical Power (10-12 BER)2
Pmin
- 24.0
-
-
dBm
Maximum Input Optical Power (10-12 BER)2
Pmax
- 3.0
-
-
dBm
RX_LOS Thresholds
Increasing Light Input
Plos+
-
-
- 24.0
dBm
Decreasing Light Input
Plos-
- 35.0
-
-
RX_LOS Timing Delay
Increasing Light Input
t_loss_off
-
-
100
µs
Decreasing Light Input
t_loss_on
-
-
100
RX_LOS Hysteresis
-
0.5
-
-
dB
Deterministic Jitter
DJ
-
-
170
ps
Total Jitter
TJ
--
266
ps
Wavelength of Operation
λ
1260
-
1620
nm
Optical Return Loss
ORL
12
-
-
dB
Electrical 3dB Upper Cutoff Frequency
-
-
-
1500
MHz
1Data rate ranges from 125Mb/s to 1300Mb/s. However, some degradation may be incurred in overall performance.
2Measured with 27-1 PRBS.


Similar Part No. - DTR-1250-SM-GB-H8-C570-I

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-H8-C570-I OPLINK-DTR-1250-SM-GB-H8-C570-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
More results

Similar Description - DTR-1250-SM-GB-H8-C570-I

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-CWDM-I OPLINK-DTR-1250-SM-GB-CWDM-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-HS OPLINK-DTR-1250-SM-GB-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-I OPLINK-DTR-1250-SM-GB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
logo
Optoway Technology Inc
GBS-7250-CXX0G OPTOWAY-GBS-7250-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72120-CXX0G OPTOWAY-GBS-72120-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com