Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR2488SM2LSHPIR2 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # DTR2488SM2LSHPIR2
Description  OC-48/STM-16 2x10 SFF Single Mode CWDM Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR2488SM2LSHPIR2 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  DTR2488SM2LSHPIR2 Datasheet HTML 1Page - OPLINK Communications Inc. DTR2488SM2LSHPIR2 Datasheet HTML 2Page - OPLINK Communications Inc. DTR2488SM2LSHPIR2 Datasheet HTML 3Page - OPLINK Communications Inc. DTR2488SM2LSHPIR2 Datasheet HTML 4Page - OPLINK Communications Inc. DTR2488SM2LSHPIR2 Datasheet HTML 5Page - OPLINK Communications Inc. DTR2488SM2LSHPIR2 Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
21737-0266, Rev. D
07-06-2005
Transmitter Performance Characteristics (over Operating Case Temperature Range, V
CC = 3.13 to 3.47V)
Receiver Performance Characteristics (over Operating Case Temperature Range, V
CC = 3.13 to 3.47V)
DTR-2488-SM2-LC/LS-W-G-CWDM
All parameters guaranteed only at typical data rate
All parameters guaranteed only at typical data rate
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate1
B
-2.488
-
Gb/s
Average Optical Output Power
(coupled into single mode fiber)
50% duty cycle
L0
Po
- 5.0
- 2.0
0
dBm
HP
- 2.0
0
+ 3.0
Extinction Ratio
Phi /Plo
8.2
-
-
dB
Center Wavelength
1470
λc
1464
1470
1477.5
nm
1490
1484
1490
1497.5
1510
1504
1510
1517.5
1530
1524
1530
1537.5
1550
1544
1550
1557.5
1570
1564
1570
1577.5
1590
1584
1590
1597.5
1610
1604
1610
1617.5
Spectral Width (-20dB)
∆λ20
--
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Dispersion Penalty
IR-2
-
--
1.0
dB
LR-22
--
2.0
Optical Output Eye
Compliant with Telcordia GR-253-CORE and ITU-T Recommendation G.957
1Data rate ranges from 155Mb/s to 2.7Gb/s. However, some degradation may be incurred in overall performance.
2Specified at 1600ps/nm dispersion, which corresponds to the approximate worse-case dispersion for 80km G.652/G.654 fiber over the
wavelength range of 1464 -1617.5nm.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate1
B
-
2.488
-
Gb/s
Receiver Sensitivity (10-10 BER)2
IR-2
Pmin
- 19.0
-
-
dBm
LR-2
- 29.0
- 31.0
-
Maximum Input Optical Power
(10-10 BER)2
IR-2
Pmax
0+ 1.0
-
dBm
LR-2
- 8.0
-
-
SIGNAL DETECT
Thresholds
IR-2
Increasing Light input
Psd+
--
- 19.0
dBm
Decreasing Light Input
Psd-
- 42.0
-
-
LR-2
Increasing Light input
Psd+
--
- 29.0
Decreasing Light Input
Psd-
- 42.0
-
-
SIGNAL DETECT Timing
-
3.0
-
100
µs
SIGNAL DETECT Hysteresis
-
0.5
1.0
-
dB
Wavelength of Operation
λ
1260
-
1620
nm
Jitter Tolerance & Transfer Function
Compliant with ITU Recommendation G.958
1Data rate ranges from 155Mb/s to 2.7Gb/s. However, some degradation may be incurred in overall performance.
2Specified in average input optical power and measured at 2.488Gb/s and 1550nm with 223-1 PRBS.
Laser Safety: All transmitters are Class I Laser products
per FDA/CDRH and IEC-60825 standards. They must
be operated under specified operating conditions.
Optical Communication Products, Inc.
DATE OF MANUFACTURE:
MANUFACTURED IN THE USA
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements


Similar Part No. - DTR2488SM2LSHPIR2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-MM OPLINK-DTR-1250-MM Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-AC OPLINK-DTR-1250-MM-AC Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-AE OPLINK-DTR-1250-MM-AE Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-ES OPLINK-DTR-1250-MM-ES Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-FA OPLINK-DTR-1250-MM-FA Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
More results

Similar Description - DTR2488SM2LSHPIR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-5944LZ BOARDCOM-AFCT-5944LZ Datasheet
480Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Finisar Corporation.
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
logo
Broadcom Corporation.
AFCT-5942XXXZ BOARDCOM-AFCT-5942XXXZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Finisar Corporation.
FTRJ1321S1GTL FINISAR-FTRJ1321S1GTL Datasheet
499Kb / 10P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTLF1321S1GTL FINISAR-FTLF1321S1GTL Datasheet
252Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
logo
OPLINK Communications I...
DTR-2488-SM2-LC-W-G-MR OPLINK-DTR-2488-SM2-LC-W-G-MR Datasheet
202Kb / 6P
   2x10 SFF Single Mode Transceivers
logo
Finisar Corporation.
FTLF1621S1XCL FINISAR-FTLF1621S1XCL Datasheet
238Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTLF1721S1XCL FINISAR-FTLF1721S1XCL Datasheet
231Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com