Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-1250-SM-GB-H8-I Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # DTR-1250-SM-GB-H8-I
Description  5V GBIC Long Distance Single Mode Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM-GB-H8-I Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  DTR-1250-SM-GB-H8-I Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-I Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-I Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-I Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-I Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
21737-0390, Rev. B
10-16-2003
DTR-1250-SM-GB-I
Application Notes
Connection of the GBIC transceiver to the host system: The
GBIC’s 20-pad connector and two guide tabs connected to the
transceiver’s circuit ground connect the GBIC to the host
system. The two ground tabs make contact to the host circuit
ground before the connector pad and discharge any possible
component-damaging static electricity. Additionally, surge
currents are eliminated by using a special slow start circuit
and two-stage contact sequence where operational signals and
grounds make contact prior to the power supply (as specified
in the GBIC specification, Rev. 5.5).
Electrical interface: All signal interfaces are compliant with
the GBIC specification, Rev. 5.5. The high speed DATA
interface is differential AC-coupled and can be directly
connected to either a 5V or 3.3V SERDES IC. All low speed
control and sense input/output signals are open collector TTL
compatible and should be pulled up with a 4.7 - 10k
Ω resistor
on the host board.
Loss of Signal (LOS): The Loss of Signal circuit monitors the
level of the incoming optical signal and generates a logic HIGH
when an insufficient photocurrent is produced.
TX_FAULT: The output indicates LOW when the transmitter
is operating normally, and HIGH when the transmitter or laser
current is excessive. TX_FAULT is an open collector/drain
output and should be pulled up with a 4.7 - 10k
Ω resistor on
the host board.
TX_DISABLE: When the TX_DISABLE pin is at logic HIGH,
the transmitter optical output is disabled (less than -35dBm).
Serial Identification: The DTR-1250-SM-GB-I transceivers
are compliant with Annex D (Module Definition 4) of the GBIC
specification, Rev. 5.5, which defines the Serial Identification
Protocol.
The module definition of GBIC is indicated by the three module
definition pins, MOD_DEF(0), MOD_DEF(1) and MOD_DEF(2).
Module Definition 4 specifies a serial definition protocol with
a two-wire I2C serial interface; upon power up, MOD_DEF(1:2)
appear as NC (no connection), and MOD_DEF(0) is TTL LOW.
When the host system detects this condition, it activates the
serial protocol and generates the serial clock signal (SCL). The
positive edge clocks data into the EEPROM segments of the
GBIC that are not write protected, and the negative edge clocks
data from the GBIC.
The serial data signal (SDA) is for serial data transfer. The host
uses SDA in conjunction with SCL to mark the start and end of
serial protocol activation.
The data transfer protocol and the details of the mandatory and
vendor specific data structures are defined in Annex D of the
GBIC specification, Rev. 5.5.
Power supply and grounding: The power supply line should
be well-filtered. All 0.1
µF power supply bypass capacitors
should be as close to the GBIC transceiver module as possible.
to 75
load
GBIC
18
2,3,8,9,11,14,17,20
19
7
+TX_DAT
SCL
VDD
(5V)
TTL LOW
(internally connected to GND)
SDA
VCC (HOST)
15
5
46
+RX_DAT
+
1 H coil or ferrite bead
(<0.2
series resistance)
µ
10
0.1
13
12
-TX_DAT
TX_DISABLE
-RX_DAT
16
0.1
+
10
+
10
10
1
0.1
4.7 - 10k
75
line
RX_LOS
TX_FAULT
75
line
75
line
75
line
to 75
load
4.7 - 10k
Example of host board schematic


Similar Part No. - DTR-1250-SM-GB-H8-I

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-H8-I OPLINK-DTR-1250-SM-GB-H8-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
More results

Similar Description - DTR-1250-SM-GB-H8-I

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-I OPLINK-DTR-1250-SM-GB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-H7-C470-I OPLINK-DTR-1250-SM-GB-H7-C470-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-CWDM-I OPLINK-DTR-1250-SM-GB-CWDM-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-HS OPLINK-DTR-1250-SM-GB-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Optoway Technology Inc
GBS-7280-CXX0G OPTOWAY-GBS-7280-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72160-CXX0G OPTOWAY-GBS-72160-CXX0G Datasheet
90Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-7250-CXX0G OPTOWAY-GBS-7250-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com