Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-622-SM-LC-A-L3-LR1 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # DTR-622-SM-LC-A-L3-LR1
Description  Multi-rate OC-12/STM-4 Single mode SFF Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-622-SM-LC-A-L3-LR1 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  DTR-622-SM-LC-A-L3-LR1 Datasheet HTML 1Page - OPLINK Communications Inc. DTR-622-SM-LC-A-L3-LR1 Datasheet HTML 2Page - OPLINK Communications Inc. DTR-622-SM-LC-A-L3-LR1 Datasheet HTML 3Page - OPLINK Communications Inc. DTR-622-SM-LC-A-L3-LR1 Datasheet HTML 4Page - OPLINK Communications Inc. DTR-622-SM-LC-A-L3-LR1 Datasheet HTML 5Page - OPLINK Communications Inc. DTR-622-SM-LC-A-L3-LR1 Datasheet HTML 6Page - OPLINK Communications Inc. DTR-622-SM-LC-A-L3-LR1 Datasheet HTML 7Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
21737-0375, Rev. B
06-12-2003
DTR-622-SM-LC/LS-MR
Multi-rate OC-12/STM-4 Single mode SFF Transceivers
Features
Designed for Multi-rate OC-3 (155Mb/s) &
OC-12 (622Mb/s) data rates
Long Reach 1310nm (40km distance) and
1550nm (80km) as well as Intermediate
Reach (15km)
Eye Safe (Class I Laser Safety)
Multi-sourced 10-pin (2x5) SFF (Small Form
Factor) package style
Duplex LC optical connector interface
Excellent EMI & ESD protection
Single +3.3V power supply &
LV-PECL DATA interface
Option for LV-TTL or LV-PECL SIGNAL
DETECT output
The DTR-622-SM-LC-MR and DTR-622-SM-LS-MR fiber
optic transceivers offer a simple, convenient way to
interface PCBs to single mode fiber optic cables. These
multi-rate transceivers are designed with performance
versions that are fully compliant with SONET/SDH standards
for OC-12/STM-4 data rate for Short Reach (12/2 km),
Intermediate Reach (21/15 km) and Long Reach
(42/40 km and 85/80 km) specifications. The modules also
operate down to OC-3/STM-1 data rate. All modules satisfy
Class I Laser Safety requirements in accordance with the
US FDA/CDRH and international IEC-825 standards.
The transmit and receive functions are contained in a narrow
width two-row, 10-pin (2x5) package with a Duplex LC
connector interface. The receptacle fits into an RJ-45 form
factor outline. The 10-pin configuration is in conformance
to a Small Form Factor (SFF) multisource transceiver
agreement.
The transmitter incorporates a highly reliable 1300 nm or
1550 nm InGaAsP Laser and a driver circuit which converts
LV-PECL data to light. A LV-TTL Transmitter Disable
control input is also provided. The receiver features a
transimpedance amplifier IC with internal AGC for high
sensitivity and wide dynamic range. The Signal Detect
status output can be either LV-TTL or LV-PECL.
The transceiver operates from a single +3.3V power supply
over an operating temperature range of - 5°C to +70°C or
- 40°C to +85°C (“A” option). The package is made of
metal for excellent EMI shielding
Description
Optical Communication Products, Inc.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
Tst
- 40
+ 85
°C
Operating Case
Temperature
"A" option
Top
- 40
+ 85
°C
"B" option
- 5
+ 70
Supply Voltage
VCC
0+ 6.0
V
Input Voltage
Vin
0
VCC
V
Output Current
IO
-50
mA
Lead Soldering Temperature & Time
-
-
260°C, 10 sec
OCP


Similar Part No. - DTR-622-SM-LC-A-L3-LR1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-622-SM-LC-MR OPLINK-DTR-622-SM-LC-MR Datasheet
225Kb / 7P
   Single mode SFF Transceivers
More results

Similar Description - DTR-622-SM-LC-A-L3-LR1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPU12XXXX000E2G OPLINK-TRPU12XXXX000E2G Datasheet
548Kb / 5P
   Multi-Rate OC-12/STM-4 SFP Transceivers
TRPA12MCWDM OPLINK-TRPA12MCWDM Datasheet
480Kb / 5P
   Multi-rate OC-12/STM-4 SFP CWDM Single Mode Transceivers withDigital Diagnostics
TRPA12MSM OPLINK-TRPA12MSM Datasheet
512Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRXA12M OPLINK-TRXA12M Datasheet
464Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRPE12AS1C000E2 OPLINK-TRPE12AS1C000E2 Datasheet
453Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRXA12MM OPLINK-TRXA12MM Datasheet
425Kb / 5P
   Multi-rate OC-12/STM-4 SFP Multimode Transceivers with Digital Diagnostics
DTR2488SM2LCL0IR2 OPLINK-DTR2488SM2LCL0IR2 Datasheet
204Kb / 6P
   OC-48/STM-16 2x10 SFF Single Mode CWDM Transceivers
TRPE48-E2G OPLINK-TRPE48-E2G Datasheet
662Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers
logo
Broadcom Corporation.
AFCT-5944LZ BOARDCOM-AFCT-5944LZ Datasheet
480Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
AFCT-5942XXXZ BOARDCOM-AFCT-5942XXXZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com