Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-1250-SM2-LS-L1-M Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # DTR-1250-SM2-LS-L1-M
Description  3.3V 2x10 LC connector SFF Gigabit Ethernet 1300 & 1550 nm Laser Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM2-LS-L1-M Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  DTR-1250-SM2-LS-L1-M Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM2-LS-L1-M Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM2-LS-L1-M Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM2-LS-L1-M Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM2-LS-L1-M Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
21737-0283, Rev.A
06-25-03
Electrical Power Supply Characteristics (over Operating Case Temperature Range)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
VCC
3.13
3.3
3.47
V
Supply Current
1
TX
ICC,TX
-
80
120
mA
mA
RX
ICC,RX
-
75
100
1 Supply current does not include termination resistor current.
Transmitter Performance Characteristics (over Operating Case Temperature)
Receiver Performance Characteristics (over Operating Case Temperature)
DTR-1250-SM2-LC & DTR-1250-SM2-LS
All parameters guaranteed only at typical data rate
All parameters guaranteed only at typical data rate
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate1
B
-
1250
-
Mb/s
Optical Output Power2
L2
Po
- 11.0
-
- 3.0
dBm
L1
- 9.0
-
- 3.0
L0
- 5.0
-
0
H3, H5
- 4.0
-
1.0
H7
- 3.0
-
2.0
Center Wavelength
L2
λ
c
1270
1310
1355
nm
L1, L0 (0°C to 70°C)
1285
1310
1345
L1, L0 (-40°C to 85°C)
1274
1310
1360
H3
1280
1310
1335
H5, H7
1480
1550
1580
Spectral Width (RMS)2
L2
∆λ
RMS
--
4.0
nm
L1, L0
-
-
2.5
Spectral Width (-20dB)
H3, H5, H7
∆λ
20
--
1.0
Extinction Ratio
Phi / Plo
9-
-
dB
Deterministic Jitter
DJ
-
-
80
ps
Random Jitter
RJ
-
-
147
ps
Relative Intensity Noise
RIN
-
-
- 120
dB/Hz
Transmitter Output Eye
Compliant with Eye Mask Defined in IEEE 802.3z standard
1Data rate ranges from 125Mb/s to 1300Mb/s. However, some degradation may be incurred in overall performance.
2 Measured average power coupled into single mode fiber (SMF). For50
µm or 62.5µm multimode fiber (MMF) operation, the output power
is 0.5dB less and is measured after a single mode fiber offset-launch mode-conditioning patch cord as specified in IEEE 802.3z Draft 5.0.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate1
B
-1250
-
Mb/s
Minimum Input Optical Power
(10-12 BER)2
L2, L1, L0
Pmin
- 20.0
- 23.0
-
dBm
H3, H5
- 21.0
- 24.0
-
H7
- 23.0
- 26.0
-
Maximum Input Optical Power (10-12 BER)2
Pmax
- 3.0
-
-
dBm
Signal Detect
Thresholds
Increasing
Light Input
L2, L1, L0
Psd+
-
-
- 20.0
dBm
H3, H5
-
-
- 21.0
H7
-
-
- 23.0
Decreasing Light Input
Psd-
- 30.0
-
-
dBm
Signal Detect Hysteresis
-
0.5
-
-
dB
Deterministic Jitter
DJ
--
170
ps
Random Jitter
RJ
-
-
96
ps
Wavelength ofOperation
λ
1100
-
1600
nm
Return Loss
-
12
-
-
dB
Electrical 3 dB upper cutoff frequency
-
-
-
1500
MHz
Stressed Receiver Sensitivity
Compliant with IEEE 802.3z standard
1Data rate ranges from 125Mb/s to 1300Mb/s. However, some degradation may be incurred in overall performance.
2Measured with 27-1 PRBS at 1250Mb/s at 1300nm wavelength.


Similar Part No. - DTR-1250-SM2-LS-L1-M

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM2-LS OPLINK-DTR-1250-SM2-LS Datasheet
208Kb / 5P
   Laser Transceivers
More results

Similar Description - DTR-1250-SM2-LS-L1-M

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-LC OPLINK-DTR-1250-SM-LC Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
DTR-1250-SM-LC-CWDM OPLINK-DTR-1250-SM-LC-CWDM Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
logo
Optoway Technology Inc
TRSL-7350W OPTOWAY-TRSL-7350W Datasheet
156Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-33120WG OPTOWAY-TRSL-33120WG Datasheet
159Kb / 5P
   3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9380FW OPTOWAY-TRSL-9380FW Datasheet
156Kb / 5P
   3.3V / 1550 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W OPTOWAY-TRSL-7380W Datasheet
156Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-3380WG OPTOWAY-TRSL-3380WG Datasheet
159Kb / 5P
   3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-33100WG OPTOWAY-TRSL-33100WG Datasheet
158Kb / 5P
   3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9340WG OPTOWAY-TRSL-9340WG Datasheet
160Kb / 5P
   3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5380WG OPTOWAY-TRSL-5380WG Datasheet
158Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Complaint SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com