Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR1250SMGBL1 Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # DTR1250SMGBL1
Description  GBIC Single Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR1250SMGBL1 Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  DTR1250SMGBL1 Datasheet HTML 1Page - OPLINK Communications Inc. DTR1250SMGBL1 Datasheet HTML 2Page - OPLINK Communications Inc. DTR1250SMGBL1 Datasheet HTML 3Page - OPLINK Communications Inc. DTR1250SMGBL1 Datasheet HTML 4Page - OPLINK Communications Inc. DTR1250SMGBL1 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
21737-0381, Rev. C
09-24-2003
DTR-1250-SM-GB-L1
Package Outline
Optical Communication Products, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Optical Communication
Products, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Optical Communication Products, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Optical Communication Products, Inc.
Optical Communication Products, Inc.
6101Variel Avenue, Woodland Hills, CA 91367, Tel.: 818-251-7100, FAX: 818-251-7111, www.ocp-inc.com
Dimensions in inches [mm]
Default tolerances:
.xxx = + .005”, .xx = + .01”
Ordering Informaton
© 2003, Optical Communication Products, Inc.
Model Name
Nominal Wavelength
Optical Link Power Budget
Distance1
DTR-1250-SM-GB-L1
1310nm
11dB min.
10km
1The indicated transmission distance is for guidelines only, not guaranteed. The exact distance is dependent on the fiber loss, connector and
splice loss, and allocated system penalty. Longer distances can be supported if the optical link power budget is satisfied.
12.7
.500
8.18
.322
8.9
.35
10.06-0.20
+0.04
.396-.008
+.002
12
.472
58 MAX
2.28MAX
13.54MAX
.533MAX
3.05 0.05
.120
GUIDE SLOTS WIDTH
27.7
1.09
GUIDE
SLOTS
HEIGHT
1.63 -0.15
0
.064 -.006
+.000
PIN 1
PIN 10
PIN 20
[1.49MAX]
38.0MAX
30.48-0.13
0
1.200-.005
+.000
2X
1.27-0.10
0
.050-.004
+.000
25.40
1.000
2X
1MAX
.04 MAX CLOSE
.002
+
+


Similar Part No. - DTR1250SMGBL1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
More results

Similar Description - DTR1250SMGBL1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-L1 OPLINK-DTR-1250-SM-GB-L1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Level One
GVT-0301 LVL1-GVT-0301 Datasheet
194Kb / 2P
   Mini GBIC SFP transceiver LX Single-Mode (10km)
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
Level One
GVT-0300 LVL1-GVT-0300 Datasheet
162Kb / 2P
   Mini GBIC SFP transceiver SX Multi-Mode (550m)
logo
Source Photonics, Inc.
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
   1.25Gbps Single Fiber Bi-directional GBIC Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com