Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-622-SM-LC-A-L3-IR Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # DTR-622-SM-LC-A-L3-IR
Description  Multi-rate OC-12/STM-4 Single mode SFF Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-622-SM-LC-A-L3-IR Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  DTR-622-SM-LC-A-L3-IR Datasheet HTML 1Page - OPLINK Communications Inc. DTR-622-SM-LC-A-L3-IR Datasheet HTML 2Page - OPLINK Communications Inc. DTR-622-SM-LC-A-L3-IR Datasheet HTML 3Page - OPLINK Communications Inc. DTR-622-SM-LC-A-L3-IR Datasheet HTML 4Page - OPLINK Communications Inc. DTR-622-SM-LC-A-L3-IR Datasheet HTML 5Page - OPLINK Communications Inc. DTR-622-SM-LC-A-L3-IR Datasheet HTML 6Page - OPLINK Communications Inc. DTR-622-SM-LC-A-L3-IR Datasheet HTML 7Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
21737-0375, Rev. B
06-12-2003
Transmitter Performance Characteristics (over Operating Case Temperature)
Receiver Performance Characteristics (over Operating Case Temperature)
OC-12/STM-4 LC Single Mode Transceiver: DTR-622-SM-LC/LS-MR
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
155
622
700
Mb/s
Receiver Sensitivity (10
-10 BER)1,2
Pmin
- 28.0
- 31.0
-
dBm
Maximum Input Optical Power (10-10 BER)1
Pmax
- 7.0
0
-
dBm
Signal Detect
Thresholds
Increasing Light Input
Psd+
-
-
- 28.0
dBm
Decreasing Light Input
Psd-
- 45.0
-
-
Signal Detect Hysteresis
-
0.5
1.5
-
dB
Signal Detect Timing
Delay
Increasing Light Input
tsd+
--
100
µs
Decreasing Light Input
tsd-
--
100
Wavelength of Operation
λ
1100
-
1600
nm
1Specified in Average Optical Input Power and measured at 155Mb/s & 622Mb/s and 1300nm (1550nm for LR2) wavelength with 2231PRBS.
2For Long Reach (LR1 & LR2), the modules are not fully compliant with SONET OC-3/STM-1 specifications for sensitivity.
Laser Safety: All transmitters are Class I Laser products
per FDA/CDRH and IEC-825 standards. They must be
operated under specified operating conditions.
Optical Communication Products, Inc.
DATE OF MANUFACTURE:
MANUFACTURED IN THE USA
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
155
622
700
Mb/s
Average Optical Output Power
(coupled into single mode
fiber), 50% duty cycle
HP1
Po
- 3.0
- 1.0
+2.0
dBm
L3
- 15.0
- 11.0
- 8.0
Extinction Ratio
SR & IR
Phi / Plo
8.2
-
-
dB
LR1 & LR2
10
-
-
Center Wavelength2
SR (Short Reach)
λ
c
1261
1310
1360
nm
IR (Intermediate Reach)
1274
1310
1356
1293
1310
1334
LR1 (Long Reach 1310 nm)
1280
1310
1335
LR2 (Long Reach 1550 nm)
1480
1550
1580
Spectral Width (RMS)2
SR (Short Reach)
∆λ
RMS
--
4.0
nm
IR (Intermediate Reach)
-
-
2.5 or 4.0 1
Spectral Width (-20 dB)
LR1 & LR2
∆λ
20
--
1.0
Side Mode Suppression Ratio
LR1 & LR2
SMSR
30
-
-
dB
Optical Output Eye
Compliant with Telcordia GR-253-CORE and ITU-T Recommendation G.957
1For Long Reach Version (LR1 & LR2) , the modules are not fully compliant with SONET OC-3/STM-1 specifications for output power.
2For Intermediate Reach version, the Center Wavelength is either 1274nm
≤ λ
c ≤ 1356nm for ∆λRMS ≤ 2.5nm
or 1293nm
≤ λ
c ≤ 1334nm for ∆λRMS ≤ 4.0nm.


Similar Part No. - DTR-622-SM-LC-A-L3-IR

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-622-SM-LC-MR OPLINK-DTR-622-SM-LC-MR Datasheet
225Kb / 7P
   Single mode SFF Transceivers
More results

Similar Description - DTR-622-SM-LC-A-L3-IR

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPU12XXXX000E2G OPLINK-TRPU12XXXX000E2G Datasheet
548Kb / 5P
   Multi-Rate OC-12/STM-4 SFP Transceivers
TRPA12MCWDM OPLINK-TRPA12MCWDM Datasheet
480Kb / 5P
   Multi-rate OC-12/STM-4 SFP CWDM Single Mode Transceivers withDigital Diagnostics
TRPA12MSM OPLINK-TRPA12MSM Datasheet
512Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRXA12M OPLINK-TRXA12M Datasheet
464Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRPE12AS1C000E2 OPLINK-TRPE12AS1C000E2 Datasheet
453Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRXA12MM OPLINK-TRXA12MM Datasheet
425Kb / 5P
   Multi-rate OC-12/STM-4 SFP Multimode Transceivers with Digital Diagnostics
DTR2488SM2LCL0IR2 OPLINK-DTR2488SM2LCL0IR2 Datasheet
204Kb / 6P
   OC-48/STM-16 2x10 SFF Single Mode CWDM Transceivers
TRPE48-E2G OPLINK-TRPE48-E2G Datasheet
662Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers
logo
Broadcom Corporation.
AFCT-5944LZ BOARDCOM-AFCT-5944LZ Datasheet
480Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
AFCT-5942XXXZ BOARDCOM-AFCT-5942XXXZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com