Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPC14603022211 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # DCPC14603022211
Description  Two Channel Pump Combiner
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DCPC14603022211 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  DCPC14603022211 Datasheet HTML 1Page - OPLINK Communications Inc. DCPC14603022211 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Two Channel Pump Combiner (1480)
DCPC Series
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team
or account manager for your requirements and ordering information (510) 933-7200.
R1.20070727
Product Lines
Mux/Demux
Switching/Routing
Coupling/Splitting
Monitoring/Conditioning
Interconnect
Amplification
RGB Laser Modules
2
Connector
Type
None= 1
FC/PC= 2
FC/SPC= 3
FC/APC= 4
SC/PC= 5
SC/SPC= 6
SC/APC= 7
ST= 8
LC= 9
MU= A
RoHS:
1) Add “G” to the end of the above PN for RoHS 6.
DCPC
Package & Fiber Type
P1+ 250µm bare fiber = 11
P2+ 900µm loose tube = 22
P3+ 3mm cable = 33
Fiber Length
1.0 meter = 1
1.5 meter = 5
2.0 meter = 2
Configuration
2 x 1=2
Shorter Wavelength
1460nm = 1460
etc.
Channel Spacing
10nm = 10
20nm = 20
30nm = 30


Similar Part No. - DCPC14603022211

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DCPC14603022211 OPLINK-DCPC14603022211 Datasheet
284Kb / 2P
   Two Channel Pump Combiner
More results

Similar Description - DCPC14603022211

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DCPC OPLINK-DCPC Datasheet
284Kb / 2P
   Two Channel Pump Combiner
DCPC-S0155 OPLINK-DCPC-S0155 Datasheet
284Kb / 2P
   Two Channel Pump Combiner
QCPC OPLINK-QCPC Datasheet
289Kb / 2P
   Four Channel Pump Combiner
QCPC14AB064 OPLINK-QCPC14AB064 Datasheet
171Kb / 2P
   Four-Channel Pump Combiner
QCPC-S0165 OPLINK-QCPC-S0165 Datasheet
289Kb / 2P
   Four Channel Pump Combiner
logo
Finisar Corporation.
1012200 FINISAR-1012200 Datasheet
43Kb / 1P
   14XX Pump-Pump Combiner
1012199 FINISAR-1012199 Datasheet
42Kb / 1P
   14XX/C-Band Pump-Signal Combiner
1016695 FINISAR-1016695 Datasheet
116Kb / 1P
   14XX/CL Band Pump-Signal Combiner
logo
Skyworks Solutions Inc.
PD19-73LF SKYWORKS-PD19-73LF Datasheet
177Kb / 4P
   Two-Way Power Splitter/Combiner 1.71-1.99 GHz
PD16-73LF SKYWORKS-PD16-73LF Datasheet
184Kb / 4P
   Two-Way Power Splitter Combiner 1.42-1.66 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com