Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL499APS Datasheet(PDF) 5 Page - Texas Instruments

Part # TL499APS
Description  WIDE-RANGE POWER-SUPPLY CONTROLLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL499APS Datasheet(HTML) 5 Page - Texas Instruments

  TL499APS Datasheet HTML 1Page - Texas Instruments TL499APS Datasheet HTML 2Page - Texas Instruments TL499APS Datasheet HTML 3Page - Texas Instruments TL499APS Datasheet HTML 4Page - Texas Instruments TL499APS Datasheet HTML 5Page - Texas Instruments TL499APS Datasheet HTML 6Page - Texas Instruments TL499APS Datasheet HTML 7Page - Texas Instruments TL499APS Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TL499A
WIDE-RANGE POWER-SUPPLY CONTROLLERS
SLVS029F – JANUARY 1984 – REVISED MAY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
TL499A
L = 50
µH
SERIES IN1
SW REG IN2
RCL = 500 Ω
OUTPUT
CF = 470 µF
RE1
RE2 = 4.7 kΩ
CP = 0.01 µF
SERIES IN1
SW REG IN2
REF
SW CURRENT
CTRL
OUTPUT
SW IN
GND (PWR)
GND
+
1
3
8
7
6
5
8
1
2
3
4
Figure 1. TL499A Basic Configuration
Table 1. Maximum Output Current vs Input and Output Voltages
for Step-Up Switching Regulator With RCL = 150 Ω
OUTPUT
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2)
(V)
OUTPUT
VOLTAGE
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
(V)
OUTPUT CURRENT
(mA)
30
65
90
25
50
80
100
20
20
25
30
80
100
100
15
15
20
30
45
55
100
100
100
12
10
15
20
25
30
40
55
70
100
100
100
10
15
20
25
30
35
45
65
80
100
100
9
20
25
25
35
40
50
70
90
100
100
6
30
35
40
45
55
75
95
100
5
35
40
45
55
70
85
100
100
Circuit of Figure 1, except:
4.5
35
45
50
60
75
95
100
100†
RCL = 150 Ω
3
55
65†
75†
95†
100†
CF = 330 µF
2.9
60†
70†
75†
100†
100†
CP = 0.1 µF
† The difference between the output and input voltage for these combinations is greater than the minimum
output-to-input differential-voltage specification at 70
°C (1.2 V), but less than the minimum at 85°C (1.9 V).


Similar Part No. - TL499APS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
[Old version datasheet]   Wide-Range Power-Supply Controllers
TL499ACP TI-TL499ACP Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACP TI1-TL499ACP Datasheet
843Kb / 19P
[Old version datasheet]   Wide-Range Power-Supply Controllers
TL499ACPE4 TI-TL499ACPE4 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results

Similar Description - TL499APS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
[Old version datasheet]   Wide-Range Power-Supply Controllers
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
   Wide power supply voltage range
logo
STMicroelectronics
AN1842 STMICROELECTRONICS-AN1842 Datasheet
823Kb / 17P
   60W WIDE-RANGE POWER SUPPLY
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com