Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC183 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BC183
Description  Amplifier Transistors(NPN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC183 Datasheet(HTML) 3 Page - Motorola, Inc

  BC183 Datasheet HTML 1Page - Motorola, Inc BC183 Datasheet HTML 2Page - Motorola, Inc BC183 Datasheet HTML 3Page - Motorola, Inc BC183 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC182,A,B BC183 BC184
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
2.0
1.5
1.0
0.2
0.3
0.4
0.6
0.8
200
0.2
0.5
1.0
2.0
5.0
10
20
50
100
IC, COLLECTOR CURRENT (mAdc)
Figure 1. Normalized DC Current Gain
VCE = 10 V
TA = 25°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.2
0.1
0.3 0.5 0.7 1.0
2.0 3.0 5.0 7.0 10
20 30
50 70 100
IC, COLLECTOR CURRENT (mAdc)
Figure 2. “Saturation” and “On” Voltages
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
VCE(sat) @ IC/IB = 10
400
20
30
40
60
80
100
200
300
0.5
1.0
0.7
2.0
3.0
5.0 7.0
10
20
30
50
IC, COLLECTOR CURRENT (mAdc)
Figure 3. Current–Gain — Bandwidth Product
10
1.0
2.0
3.0
5.0
7.0
0.4
0.6 0.8 1.0
2.0
4.0
6.0 8.0 10
20
40
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitances
VCE = 10 V
TA = 25°C
TA = 25°C
Cib
Cob
170
160
150
140
130
120
10
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
IC, COLLECTOR CURRENT (mAdc)
Figure 5. Base Spreading Resistance
VCE = 10 V
f = 1.0 kHz
TA = 25°C


Similar Part No. - BC183

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC183 FAIRCHILD-BC183 Datasheet
356Kb / 6P
   AMPLIFIER TRANSISTOR(NPN)
logo
Micro Electronics
BC183 MICRO-ELECTRONICS-BC183 Datasheet
88Kb / 2P
   COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & SWITCHES
logo
SEMTECH ELECTRONICS LTD...
BC183 SEMTECH_ELEC-BC183 Datasheet
140Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
logo
Continental Device Indi...
BC183 CDIL-BC183 Datasheet
118Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
New Jersey Semi-Conduct...
BC183 NJSEMI-BC183 Datasheet
207Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC183

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Weitron Technology
MMBT6427 WEITRON-MMBT6427 Datasheet
271Kb / 5P
   NPN Transistors Darlington Amplifier
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com