Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC212B Datasheet(PDF) 2 Page - Motorola, Inc

Part # BC212B
Description  Amlifier Transistors (PNP)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC212B Datasheet(HTML) 2 Page - Motorola, Inc

  BC212B Datasheet HTML 1Page - Motorola, Inc BC212B Datasheet HTML 2Page - Motorola, Inc BC212B Datasheet HTML 3Page - Motorola, Inc BC212B Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC212,B BC213 BC214
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –10 µAdc, VCE = –5.0 Vdc)
BC212
BC213
BC214
(IC = –2.0 mAdc, VCE = –5.0 Vdc)
BC212
BC213
BC214
(IC = –100 mAdc, VCE = –5.0 Vdc)(1)
BC212, BC214
BC213
hFE
40
40
100
60
80
140
120
140
600
Collector – Emitter Saturation Voltage
(IC = –10 mAdc, IB = –0.5 mAdc)
(IC = –100 mAdc, IB = –5.0 mAdc)(1)
VCE(sat)
–0.10
–0.25
–0.6
Vdc
Base – Emitter Saturation Voltage
(IC = –100 mAdc, IB = –5.0 mAdc)
VBE(sat)
–1.0
–1.4
Vdc
Base–Emitter On Voltage
(IC = –2.0 mAdc, VCE = –5.0 Vdc)
VBE(on)
–0.6
–0.62
–0.72
Vdc
DYNAMIC CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –10 mAdc, VCE = –5.0 Vdc, f = 100 MHz)
BC212
BC214
BC213
fT
280
320
360
MHz
Common–Base Output Capacitance
(VCB = –10 Vdc, IC = 0, f = 1.0 MHz)
Cob
6.0
pF
Noise Figure
(IC = –0.2 mAdc, VCE = –5.0 Vdc,
RS = 2.0 kΩ , f = 1.0 kHz)
BC214
(IC = –0.2 mAdc, VCE = –5.0 Vdc,
RS = 2.0 kΩ, f = 1.0 kHz, f = 200 Hz)
BC212, BC213
NF
2
10
dB
Small–Signal Current Gain
(IC = –2.0 mAdc, VCE = –5.0 Vdc, f = 1.0 kHz)
BC212
BC213
BC214
BC212B
hfe
60
80
140
200
400
1. Pulse Test: Tp 300 s, Duty Cycle 2.0%.


Similar Part No. - BC212B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
Fairchild Semiconductor
BC212B FAIRCHILD-BC212B Datasheet
28Kb / 4P
   PNP General Purpose Amplifier
logo
SeCoS Halbleitertechnol...
BC212B SECOS-BC212B Datasheet
72Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
List of Unclassifed Man...
BC212B ETC2-BC212B Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Central Semiconductor C...
BC212B CENTRAL-BC212B Datasheet
138Kb / 3P
   SILICON PNP TRANSISTORS
19-May 2017
More results

Similar Description - BC212B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1520B ETC-TDA1520B Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
logo
NEC
UPG2050GR NEC-UPG2050GR Datasheet
23Kb / 2P
   GaAs MMIC DBS TWIN IF SWITCH AMLIFIER
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com