Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF5013 Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SF5013
Description  945.00 MHZ SAW FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF5013 Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SF5013 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF5013 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
945.00 MHZ SAW FILTER
Phone: +86 (10) 5820 3910
Fax: +86 (10) 5820 3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
SF5013
Revision No. 1
Page 2 of 2
© VANLONG TECHNOLOGY CO., LTD.
April 03, 2009
PACKAGE DIMENSIONS (DCC6)
MARKING
TEST CIRCUIT
TYPICAL FREQUENCY RESPONSE
SF5013
YWW
1. SF5013 - Part Code
2. Date Code:
Y : Last digit of year
WW : Week No.
Electrical Connections
Terminals
Connection
2
Input
5
Output
1,3,4,6
Ground
Package Dimensions
Dimensions
Nom (mm)
Dimensions
Nom (mm)
A
1.90
E
3.80
B
0.64
F
3.80
C
1.00
G
1.20
D
1.27
From 50
Ω source
To 50
Ω load


Similar Part No. - SF5013

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF501 JINANJINGHENG-SF501 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
Guangdong Juxing Electr...
SF501 JUXING-SF501 Datasheet
1Mb / 3P
   Superfast Recovery Rectitiers
logo
Vanlong Technology Co.,...
SF5010 VANLONG-SF5010 Datasheet
93Kb / 2P
   916.50 MHz SAW Filter
SF5011 VANLONG-SF5011 Datasheet
90Kb / 2P
   926.25 MHz SAW Filter
More results

Similar Description - SF5013

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com