Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL3016CPWLE Datasheet(PDF) 11 Page - Texas Instruments

Part # TL3016CPWLE
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3016CPWLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL3016CPWLE Datasheet HTML 4Page - Texas Instruments TL3016CPWLE Datasheet HTML 5Page - Texas Instruments TL3016CPWLE Datasheet HTML 6Page - Texas Instruments TL3016CPWLE Datasheet HTML 7Page - Texas Instruments TL3016CPWLE Datasheet HTML 8Page - Texas Instruments TL3016CPWLE Datasheet HTML 9Page - Texas Instruments TL3016CPWLE Datasheet HTML 10Page - Texas Instruments TL3016CPWLE Datasheet HTML 11Page - Texas Instruments TL3016CPWLE Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TL3016, TL3016Y
ULTRA-FAST LOW-POWER
PRECISION COMPARATORS
SLCS130D – MARCH 1997 – REVISED MARCH 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL INFORMATION
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040064 / D 10/95
14 PIN SHOWN
Seating Plane
0,10 MIN
1,20 MAX
1
A
7
14
0,19
4,50
4,30
8
6,10
6,70
0,32
0,75
0,50
0,25
Gage Plane
0,15 NOM
0,65
M
0,13
0
°–8°
0,10
PINS **
A MIN
A MAX
DIM
2,90
3,10
8
4,90
5,10
14
6,60
6,40
4,90
5,10
16
7,70
20
7,90
24
9,60
9,80
28
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - TL3016CPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3016CPWLE TI-TL3016CPWLE Datasheet
640Kb / 17P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

Similar Description - TL3016CPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com