Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF914 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SF914
Description  914.50 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF914 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SF914 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF914 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
914.50 MHz SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© April 2004 by Vanlong Technology Co., Ltd.
SF914
Ideal for Receivers in 914.50 MHz
Low-Loss, Coupled-Resonator Quartz Design
Simple External Impedance Matching
Rugged, Hermetic, Low Profile F-11 Package
Absolute Maximum Rating (Ta=25
°C)
Parameter
Rating
Unit
CW RF Power Dissipation
P
+10
dBm
DC Voltage VDC Between Any Two Pins
VDC
±30
V
Operating Temperature Range
TA
-10 ~ +60
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electronic Characteristics
Parameter
Sym
Minimum
Typical
Maximum
Unit
Nominal Frequency (at 25
°C)
(Center frequency between 3dB point)
fC
NS
914.50
NS
MHz
Insertion Loss
IL
-
4.5
5.5
dB
Passband Ripple
∆α
-
1.5
2.5
dB
3dB Passband
BW3
15.0
17.0
-
dB
Absolute Attenuation
DC … 884.50 MHz
944.50 … 1114.5 MHz
α
rel
40
30
50
50
-
-
dB
dB
Frequency Aging
Absolute Value during the First Year
|fA|
-
-
10
ppm/yr
DC Insulation Resistance Between any Two Pins
-
1.0
-
-
M
Input / Output Impendance (nominal)
-
-
50//0
-
Ω//pF
NS = Not Specified
Notes:
1.
The frequency fC is defined as the midpoint between the 3dB
frequencies.
2.
Unless noted otherwise, all measurements are made with the filter
installed in the specified test fixture that is connected to a 50
Ω test
system with VSWR
≤ 1.2:1. The test fixture L and C are adjusted
for minimum insertion loss at the filter center frequency, fC. Note
that insertion loss, bandwidth, and passband shape are dependent
on the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire
specified operating temperature range.
4.
The specifications of this device are based on the test circuit
shown above and subject to change or obsolescence without
notice.
5.
All equipment designs utilizing this product must be approved by
the appropriate government agency prior to manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW)
component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
7.
For questions on technology, prices and delivery please contact
our sales offices or email to sales@vanlong.com.
SF914


Similar Part No. - SF914

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF914C VANLONG-SF914C Datasheet
74Kb / 2P
   914.50 MHz SAW Filter
More results

Similar Description - SF914

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF914C VANLONG-SF914C Datasheet
74Kb / 2P
   914.50 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com