Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10M30A Datasheet(PDF) 3 Page - Vanlong Technology Co., Ltd.

Part # 10M30A
Description  Monolithic Crystal Filters (MCFs)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

10M30A Datasheet(HTML) 3 Page - Vanlong Technology Co., Ltd.

  10M30A Datasheet HTML 1Page - Vanlong Technology Co., Ltd. 10M30A Datasheet HTML 2Page - Vanlong Technology Co., Ltd. 10M30A Datasheet HTML 3Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Monolithic Crystal Filters (MCFs)
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
November 8, 2005
Vanlong Technology Co., Ltd.
PACKAGE OUTLINE DIMENSIONS
(UNIT: MM)
Package
Height
HC49U
13.5
HC49T
11.0
UM1
8.0
UM5
5.8
Connecting Marks
HC49U, HC49T
UM1, UM5
Tolerance:
L,W,H :
±0.5
A,B
:
±0.25
d
:
±0.1
Type
L
W
H
A
B
d
M-1B
8.5
8.5
11.5
5.2
2.0
0.35
M-1
11.0
8.5
11.5
7.4
2.0
0.35
M-2
13.4
8.5
11.5
9.8
2.0
0.35
M-3
15.0
12.0
15.0
9.0
2.5
0.42
M-4
18.5
12
15
13.4
2.5
0.42
M-5
23
12
15
17.8
2.5
0.42
M-6
28
12
15
22.2
2.5
0.42
M-A


Similar Part No. - 10M30A

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
10M30A RALTRON-10M30A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Mercury United Electron...
10M30A49TMJ MERCURY-10M30A49TMJ Datasheet
98Kb / 1P
   Thru - Hole Type ( standard frequency 10.700 MHz ) ; available frequency range ( 10.695 ~ 10.800 MHz )
More results

Similar Description - 10M30A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFUM5 ETC1-MCFUM5 Datasheet
63Kb / 3P
   Monolithic Crystal Filters (MCFs)
logo
Wolfgang Knap
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
   Monolithic Crystal Filters
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
   Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
   Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
   Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
   Monolithic Crystal Filters
logo
Raltron Electronics Cor...
10M7A RALTRON-10M7A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
96SMF-4P2 WK-96SMF-4P2 Datasheet
114Kb / 1P
   Monolithic Crystal Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com