Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL087IP Datasheet(PDF) 7 Page - Texas Instruments

Part # TL087IP
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL087IP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL087IP Datasheet HTML 3Page - Texas Instruments TL087IP Datasheet HTML 4Page - Texas Instruments TL087IP Datasheet HTML 5Page - Texas Instruments TL087IP Datasheet HTML 6Page - Texas Instruments TL087IP Datasheet HTML 7Page - Texas Instruments TL087IP Datasheet HTML 8Page - Texas Instruments TL087IP Datasheet HTML 9Page - Texas Instruments TL087IP Datasheet HTML 10Page - Texas Instruments TL087IP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TL087, TL088, TL287, TL288
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS082A – D2484, MARCH 1979 – REVISED JANUARY 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
7
TYPICAL CHARACTERISTICS
table of graphs
FIGURE
α
VIO
Temperature coefficient of input offset voltage
Distribution
6, 7
IIO
Input offset current
vs Temperature
8
IIB
Input bias current
vs VIC
vs Temperature
9
8
VI
Common-mode input voltage range limits
vs VCC
vs Temperature
10
11
VID
Differential input voltage
vs Output voltage
12
VOM
Maximum peak output voltage swing
vs VCC
vs Output current
vs Frequency
vs Temperature
13
17
14, 15, 16
18
AVD
Differential voltage amplification
vs RL
vs Frequency
vs Temperature
19
20
21
zo
Output impedance
vs Frequency
24
CMRR
Common-mode rejection ratio
vs Frequency
vs Temperature
22
23
kSVR
Supply-voltage rejection ratio
vs Temperature
25
IOS
Short-circuit output current
vs VCC
vs Time
vs Temperature
26
27
28
ICC
Supply current
vs VCC
vs Temperature
29
30
SR
Slew rate
vs RL
vs Temperature
31
32
Overshoot factor
vs CL
33
Vn
Equivalent input noise voltage
vs Frequency
34
THD
Total harmonic distortion
vs Frequency
35
B1
Unity-gain bandwidth
vs VCC
vs Temperature
36
37
φm
Phase margin
vs VCC
vs CL
vs Temperature
38
39
40
Phase shift
vs Frequency
20
Pulse response
Small-signal
Large-signal
41
42


Similar Part No. - TL087IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL087 TI-TL087 Datasheet
387Kb / 22P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Transko Electronics, In...
TL08702AV TRANSKO-TL08702AV Datasheet
558Kb / 4P
   87.50 MHz IF SAW Filter / 2.40 MHz Bandwidth
Revision 0: 05 Dec. 2008
TL08731AV TRANSKO-TL08731AV Datasheet
596Kb / 4P
   87.50 MHz IF SAW Filter / 31.90 MHz Bandwidth
Revision 0: 22 Apr. 2011
logo
Texas Instruments
TL087 TI-TL087_07 Datasheet
387Kb / 22P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL087IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com