Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO300H Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # PO300H
Description  Fixed Frequency Crystal Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

PO300H Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  PO300H Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TTL/CMOS Crystal Oscillator
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
PO300H
Fixed Frequency Crystal Oscillator
Industry standard pinout
TTL and CMOS compatible output
Tri-state output option
Frequency up to 100 MHz
Low power
Hermetically sealed metal package
Specifications:
Half-Size DIL-8
Frequency Range:
1.0 MHz ~ 100.0 MHz
Operating Temperature:
0
°C ~ +50°C
- A
-10
°C ~ +60°C
- B
-20
°C ~ +70°C
- C
-40
°C ~ +85°C
- L
Storage Temperature:
-40
°C ~ +85°C
Frequency Stability:
± 100 ppm
± 50 ppm Standard
± 25 ppm
Supply Voltage:
3.3 VDC
5.0 VDC
- P
Supply Current
40 mA
Output Level:
Output High:
2.4V min (TTL), 90% VDD min (CMOS)
Output Low:
0.4V max (TTL), 10% VDD max (CMOS)
Transition Times (1MHz ~ 25MHz)
Rise & Fall Time 5V(3.3V):
8(5) nS
Over 25MHz
Rise & Fall Time 5V(3.3V):
6(4) nS
Symmetry or Duty Cycle:
45/55%
All dimensions are in mm
Start-Up Time:
10 mS max
Ordering Information
Tri-State:
Output Active:
0.8VDD
Output in High-Impedance State:
0.16VDD
Note:
1.
Other frequencies, stabilities, and operating temperature ranges available.
Consult VTC Support for specific requirements.
2.
Not all combinations of the above, stabilities, and temperature ranges are
available. Consult VTC Support if your requirement is not standard.
3.
All specifications subject to change without notice.
Product name + Operating Temperature +
Stability(PPM) + Frequency + Other
Specification Code.
i.e. PO300HC25-40.0MHz
Pin
Configurations
1
NC or E/D
4
Ground
5
Output
8
Supply
PO300H


Similar Part No. - PO300H

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
PO300H VANLONG-PO300H Datasheet
45Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H_13 Datasheet
45Kb / 1P
   Fixed Frequency Crystal Oscillator
More results

Similar Description - PO300H

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300F VANLONG-PO300F_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal Oscillator
PO320 VANLONG-PO320_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal oscillator
PO320 VANLONG-PO320 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H_13 Datasheet
45Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
BOWEI Integrated Circui...
HMPS-MT BOWEI-HMPS-MT Datasheet
84Kb / 1P
   Connectorized fixed frequency Synthesizer with Crystal Oscillator
logo
List of Unclassifed Man...
CFPT-37 ETC1-CFPT-37 Datasheet
37Kb / 2P
   Fixed frequency, surface mount, temperature compensated crystal oscillator
logo
Crystek Corporation
CVCO33CX-2500-2500 CRYSTEKCRYSTAL-CVCO33CX-2500-2500 Datasheet
91Kb / 2P
   Fixed Frequency Oscillator
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321_13 Datasheet
46Kb / 1P
   Fixed Freqiency Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com