Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFA3351 Datasheet(PDF) 6 Page - Gunter Seniconductor GmbH.

Part # TFA3351
Description  IC for Electronic Ballasts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TFA3351 Datasheet(HTML) 6 Page - Gunter Seniconductor GmbH.

Back Button TFA3351 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TFA3351 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TFA3351 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TFA3351 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TFA3351 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TFA3351 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TFA3351 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TFA3351 Datasheet HTML 9Page - Gunter Seniconductor GmbH. TFA3351 Datasheet HTML 10Page - Gunter Seniconductor GmbH. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Pin 8
VCC
Supply voltage
The voltage at the VCC-terminal is limited at typ. 11 V by the internal power supply circuit. Therefore it is possible
to apply the power supply directly by mains with dropping resistor and backup capacitor.
The current feed should be choiced high enough for the operation of the voltage limiting.
For save operation of the IC the value of VCC has to be never decreased behind a level of 6.5 V. An additional
requirement is the increasing of VCC over 8 V at least for a moment.
Only under these conditions a proof error storage and a defined reaction of the turn-off transistor is guaranteed.
Absolute Maximum Ratings
Pin
Symbol
min
max
unit
current consumption
VCC
ICCeff
20
mA
peak current for t< 100 µs
VCC
ICCM
100
mA
input voltage error indicator
EI
VErr
-0.3
VCC
V
input voltage lamp
LW
VLW
-0.3
15
V
exchange input
voltage difference between
LW
VLW - VCC
6V
VLW and VCC for
divider factor 16 via LW
input current at pin TM
TM
ITM
1mA
negative current load
TR
ITR(neg.)
-500
mA
for t<1µs with max. repeat
frequency = 200kHz
switching output current
S
IS
1mA
junction temperature
Tj
150
°C
storage temperature
Tstg
-50
150
°C
ambient temperature
Tamb
-20
120
°C
ESD protection
VESD
2kV
5
09/00
TFA3351


Similar Part No. - TFA3351

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFA3351 ETC2-TFA3351 Datasheet
104Kb / 12P
   IC for Electronic Ballasts
More results

Similar Description - TFA3351

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKA3354 KODENSHI-KKA3354 Datasheet
235Kb / 6P
   IC for Electronic Ballasts
logo
List of Unclassifed Man...
TFA3351 ETC2-TFA3351 Datasheet
104Kb / 12P
   IC for Electronic Ballasts
logo
Integral Corp.
ILA3354 INTEGRAL-ILA3354 Datasheet
217Kb / 6P
   IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354 Datasheet
219Kb / 6P
   IC for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3354 GSG-TFA3354 Datasheet
129Kb / 12P
   IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354_11 Datasheet
249Kb / 6P
   IC for Electronic Ballasts
logo
List of Unclassifed Man...
TFA3354 ETC-TFA3354 Datasheet
123Kb / 12P
   Control and Monitoring IC for Electronic Ballasts
logo
JILIN SINO-MICROELECTRO...
3DD4243DY JSMC-3DD4243DY Datasheet
264Kb / 5P
   Electronic ballasts
logo
STMicroelectronics
VK06TL STMICROELECTRONICS-VK06TL Datasheet
33Kb / 2P
   ELECTRONIC DRIVER FOR TL BALLASTS
logo
Cirrus Logic
CS1601 CIRRUS-CS1601 Datasheet
816Kb / 16P
   Digital PFC Controller for Electronic Ballasts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com