Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB2100-1.5 Datasheet(PDF) 1 Page - Gunter Seniconductor GmbH.

Part # SB2100-1.5
Description  Chips for Schottky Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

SB2100-1.5 Datasheet(HTML) 1 Page - Gunter Seniconductor GmbH.

  SB2100-1.5 Datasheet HTML 1Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SB 2XX -1.5
Chips for Schottky Diodes
Chip Specification
General Description:
Schottky Diode chips with Mo-barrier for switch mode power
rectifiers with the following features:
* Guard-ring for stress protection
* Extremely low forward voltage
* 125 ℃
℃ operation junction temperature
* reverse avalanche behavior
Mechanical Data:
SB 2XX passivated Silicon Chip
Demension(mm)
1,5x1,5
Thickness:
350 +- 20
µm
Metallization:
Top ( Anode ) :
Al Ag
Bottom ( Cathode) : TiNiAg
Forward Current(A)
2 A
Reverse Voltage (V): 23, 43, 100 V
Type
Chip
VR(V)
VF(V)@25 C
IRM@VRMM
size(mm)
at If=1A
at 25 C
SB220
1,5x1,5
23 V
350mV
0,5mA
SB240
1,5x1,5
43 V
450mV
0,5mA
SB2100
1,5x1,5
100 V
690mV
0,5mA
Note: Other voltages, Vf & Top Metal AL are available


Similar Part No. - SB2100-1.5

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
SB2100-1.5 GSG-SB2100-1.5 Datasheet
197Kb / 1P
   Chips for Schottky Diodes
More results

Similar Description - SB2100-1.5

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
SB120-1.1 GSG-SB120-1.1 Datasheet
299Kb / 1P
   Chips for Schottky Diodes
SB320-1.8 GSG-SB320-1.8 Datasheet
208Kb / 1P
   Chips for Schottky Diodes
MBR2045 GSG-MBR2045 Datasheet
76Kb / 1P
   Chips for Schottky Diodes
MBR1545 GSG-MBR1545 Datasheet
75Kb / 1P
   Chips for Schottky Diodes
MBR1025 GSG-MBR1025 Datasheet
96Kb / 1P
   Chips for Schottky Diodes
MBR4045 GSG-MBR4045 Datasheet
76Kb / 1P
   Chips for Schottky Diodes
SB120-1.3 GSG-SB120-1.3 Datasheet
250Kb / 1P
   Chips for Schottky Diodes
SB520-2.0 GSG-SB520-2.0 Datasheet
197Kb / 1P
   Chips for Schottky Diodes
MBR5045 GSG-MBR5045 Datasheet
66Kb / 1P
   Chips for Schottky Diodes
MBR6045 GSG-MBR6045 Datasheet
75Kb / 1P
   Chips for Schottky Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com