Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAUG-0100I Datasheet(PDF) 1 Page - Ralston Instruments.

Part # GAUG-0100I
Description  0-100 Inch H20 Analog Pressure Gauge
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

GAUG-0100I Datasheet(HTML) 1 Page - Ralston Instruments.

  GAUG-0100I Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GAUG-0100I
Part No.
GAUG-0100I
0-100 Inch H20 Analog Pressure Gauge
Analog test gauges are convenient for field
calibrations. A knife-edge pointer and mirrored
band make reading the gauge very easy. An
economical choice for calibrating pressure
instruments.
Features
Specifications
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Vacuum Range
0 to 100"Hg (0 to 2,540 mmHG)
Accuracy
±1.5% of Full Scale
Process Connection
1/4" male NPT bottom connection
Units of Measure
In H2O
Dial Size
2.5 in (6.35 cm)
Mirror Band
No
Temperature range
-4 to 140 °F (-20 to 60 °C)
Construction
ABS Plastic, Brass, Plated Steel
Seal materials
Buna-N
Gauge type
Analog


Similar Part No. - GAUG-0100I

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
GAUG-0100 RALSTON-GAUG-0100 Datasheet
336Kb / 1P
   0-100 psig Analog Test Gauge
More results

Similar Description - GAUG-0100I

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
GAUG-030I RALSTON-GAUG-030I Datasheet
346Kb / 1P
   0-30 Inch H20 Analog Pressure Gauge
GAUG-060I RALSTON-GAUG-060I Datasheet
346Kb / 1P
   0-60 Inch H20 Analog Pressure Gauge
GAUG-0200I RALSTON-GAUG-0200I Datasheet
346Kb / 1P
   0-200 Inch H20 Analog Pressure Gauge
GAUD-140INH20 RALSTON-GAUD-140INH20 Datasheet
345Kb / 1P
   0-140 Inch H20 Digital Pressure Gauge
GAUD-85INH20 RALSTON-GAUD-85INH20 Datasheet
345Kb / 1P
   0-85 Inch H20 Digital Pressure Gauge
GAUD-0100 RALSTON-GAUD-0100 Datasheet
345Kb / 1P
   0-100 psig Digital Pressure Gauge
GAUG-0100 RALSTON-GAUG-0100 Datasheet
336Kb / 1P
   0-100 psig Analog Test Gauge
GAUD-30HG RALSTON-GAUD-30HG Datasheet
345Kb / 1P
   0-30 Inch Hg Vacuum, Digital Pressure Gauge
GAUG-30HG RALSTON-GAUG-30HG Datasheet
336Kb / 1P
   0-30 Inch Hg Vacuum Analog Test Gauge
GAUD-0015 RALSTON-GAUD-0015 Datasheet
345Kb / 1P
   0-15 psig Digital Pressure Gauge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com