Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL064Y Datasheet(PDF) 11 Page - Texas Instruments

Part # TL064Y
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL064Y Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL064Y Datasheet HTML 7Page - Texas Instruments TL064Y Datasheet HTML 8Page - Texas Instruments TL064Y Datasheet HTML 9Page - Texas Instruments TL064Y Datasheet HTML 10Page - Texas Instruments TL064Y Datasheet HTML 11Page - Texas Instruments TL064Y Datasheet HTML 12Page - Texas Instruments TL064Y Datasheet HTML 13Page - Texas Instruments TL064Y Datasheet HTML 14Page - Texas Instruments TL064Y Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TL061, TL061A, TL061B, TL061Y, TL062, TL062A
TL062B, TL062Y, TL064, TL064A, TL064B, TL064Y
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS078F – NOVEMBER 1978 – REVISED JANUARY 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL061Y
TL062Y
TL064Y
UNIT
MIN
TYP
MAX
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
3
15
mV
αVIO
Temperature coefficient of input offset voltage
VO = 0,
RS = 50 Ω
10
µV/°C
IIO
Input offset current
VO = 0
5
200
pA
IIB
Input bias current‡
VO = 0
30
400
pA
VICR
Common-mode input voltage range
±11
–12
to
15
V
VOM
Maximum peak output voltage swing
RL = 10 kΩ
±10 ±13.5
V
AVD
Large-signal differential voltage amplification
VO = ±10 V,
RL ≥ 2 kΩ
3
6
V/mV
B1
Unity-gain bandwidth
RL = 10 kΩ
1
MHz
ri
Input resistance
1012
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
VO = 0,
70
86
dB
kSVR
Supply voltage rejection ratio (
∆VCC±/∆VIO)
VCC = ±9 V to ±15 V,
VO = 0,
70
95
dB
kSVR
Supply voltage rejection ratio (
∆VCC±/∆VIO)
CC
,
RS = 50 Ω
O
,
70
95
dB
PD
Total power dissipation (each amplifier)
VO = 0,
No load
6
7.5
mW
ICC
Supply current (per amplifier)
VO = 0,
No load
200
250
µA
VO1/VO2
Crosstalk attenuation
AVD = 100
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive as shown in
Figure 15. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
operating characteristics, VCC
± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TL061Y
TL062Y
TL064Y
UNIT
MIN
TYP
MAX
SR
Slew rate at unity gain
VI = 10 mV,
RL = 10 kΩ,
15
35
V/
µs
SR
Slew rate at unity gain
I
,
CL = 100 pF,
L
,
See Figure 1
1.5
3.5
V/
µs
tr
Rise time
VI = 20 V,
RL = 10 kΩ,
0.2
µs
Overshoot factor
I
,
CL = 100 pF,
L
,
See Figure 1
10%
Vn
Equivalent input noise voltage
RS = 20 Ω,
f = 1 kHz
42
nV/
√Hz


Similar Part No. - TL064Y

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL064 ONSEMI-TL064 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064 Datasheet
113Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
TL064 STMICROELECTRONICS-TL064 Datasheet
237Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL064 TI-TL064 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064 TI-TL064 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL064Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com