Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2742 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2742
Description  Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2742 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2742 Datasheet HTML 1Page - KR Electronics, Inc. 2742 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2006, KR Electronics, Inc.
Parameter
Specification
Filter type
Bandpass
Center Frequency
44 MHz
Insertion Loss
< 2.1 dB
1.2 dB typical
3 dB Bandwidth
15 MHz min
18 MHz typical
Attenuation at 22 MHz
> 60 dB
> 70 dB typical
Attenuation at 66 MHz
> 54 dB
> 70 dB typical
Source and Load
50
KR Electronics 2742
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Dimensions in inches
2.
Also available in a surface mount package


Similar Part No. - 2742

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
2742 PULSE-2742 Datasheet
193Kb / 5P
   SWITCH-MODE TRANSFORMER GUIDE
logo
Heyco.
2742 HEYCO-2742 Datasheet
89Kb / 1P
   Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
Winchester Electronics ...
27420 WINCHESTER-27420 Datasheet
89Kb / 1P
   RECEPTACLE C TEL SHIELD 085 x 160 GRID
logo
PHOENIX CONTACT
2742036 PHOENIX-2742036 Datasheet
56Kb / 4P
   The brake module is a passive, electronic brake control switch which can be snapped on the power-level terminal block using a 3-pos. inverted COMBICON plug.
2742094 PHOENIX-2742094 Datasheet
200Kb / 6P
   INTERBUS bus coupler, copper connection, 24 V DC, without accessories
More results

Similar Description - 2742

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com