Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2692 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2692
Description  Lowpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2692 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2692 Datasheet HTML 1Page - KR Electronics, Inc. 2692 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2006, KR Electronics, Inc.
KR Electronics
KR 2692 is an elliptic type lowpass filter. The minimum
3 dB bandwidth is 91 MHz. Other passband frequencies are
available. Also available in surface mount configuration. Please
consult the factory.
General Description
KR Electronics, Inc.
Features
Elliptic Type Lowpass
>40 dB Stopband
50 Ω Source and Load
SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
CH1
S 21
log MAG
1 dB/
REF 0 dB
Cor
PRm
CH2
S 21
delay
REF 0 s
10 ns/
START
.030 000 MHz
STOP 91.000 000 MHz
Cor
PRm
28 Mar 2006 12:19:35
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
1.000 000 MHz
STOP 1 000.000 000 MHz
PRm
28 Mar 2006 12:15:14
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
Overall Response
(10 dB/div)


Similar Part No. - 2692

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2692076 PHOENIX-2692076 Datasheet
92Kb / 6P
   2 shielded analog signal outputs with 4 voltage and 3 current ranges
2692306 PHOENIX-2692306 Datasheet
135Kb / 5P
   Inline digital input terminal block, complete with accessories (connector and labeling field), 4 inputs, 24 V DC, 3-wire connection method
2692322 PHOENIX-2692322 Datasheet
204Kb / 14P
   Bus coupler - IL PB BK DI8 DO4/EF-PAC
09/12/2020
2692380 PHOENIX-2692380 Datasheet
175Kb / 12P
   Bus coupler - IL S3 BK DI8 DO4 2TX-PAC
09/12/2020
2692526 PHOENIX-2692526 Datasheet
46Kb / 3P
   Antenna - RAD-ISM-2459-ANT-FOOD-6-0
More results

Similar Description - 2692

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2054 KR-2054 Datasheet
15Kb / 1P
   Lowpass Filter
2082 KR-2082 Datasheet
28Kb / 1P
   Lowpass Filter
2156-20-75 KR-2156-20-75 Datasheet
20Kb / 2P
   Lowpass Filter
2181 KR-2181 Datasheet
29Kb / 1P
   Lowpass Filter
2434-30 KR-2434-30 Datasheet
30Kb / 2P
   Lowpass Filter
2454 KR-2454 Datasheet
25Kb / 2P
   Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
   Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
   Lowpass Filter
2391-3.5-75 KR-2391-3.5-75 Datasheet
22Kb / 2P
   Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
   Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
   Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com