Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIBPAL20R4-7MJT Datasheet(PDF) 11 Page - Texas Instruments

Part # TIBPAL20R4-7MJT
Description  HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL20R4-7MJT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TIBPAL20R4-7MJT Datasheet HTML 7Page - Texas Instruments TIBPAL20R4-7MJT Datasheet HTML 8Page - Texas Instruments TIBPAL20R4-7MJT Datasheet HTML 9Page - Texas Instruments TIBPAL20R4-7MJT Datasheet HTML 10Page - Texas Instruments TIBPAL20R4-7MJT Datasheet HTML 11Page - Texas Instruments TIBPAL20R4-7MJT Datasheet HTML 12Page - Texas Instruments TIBPAL20R4-7MJT Datasheet HTML 13Page - Texas Instruments TIBPAL20R4-7MJT Datasheet HTML 14Page - Texas Instruments TIBPAL20R4-7MJT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
VO = 2 V
VI = 2 V
f = 1 MHz,
f = 1 MHz,
Ci
Co
pF
pF
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
TIBPAL20R4-5C, TIBPAL20R6-5C
HIGH-PERFORMANCE IMPACT-X
™ PAL® CIRCUITS
SRPS010F – D3353, OCTOBER 1989 – REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
11
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = – 18 mA
– 0.8
– 1.5
V
VOH
VCC = 4.75 V,
IOH = – 3.2 mA
2.4
2.7
V
VOL
VCC = 4.75 V,
IOL = 24 mA
0.3
0.5
V
IOZH‡
VCC = 5.25 V,
VO = 2.7 V
100
µA
IOZL‡
VCC = 5.25 V,
VO = 0.4 V
–100
µA
II
VCC = 5.25 V,
VI = 5.5 V
100
µA
IIH‡
VCC = 5.25 V,
VI = 2.7 V
25
µA
IIL‡
VCC = 5.25 V,
VI = 0.4 V
– 250
µA
IOS§
VCC = 5.25 V,
VO = 0.5 V
–30
–70
–130
mA
ICC
VCC = 5.25 V,
VI = 0,
Outputs open
210
mA
I
8.5
CLK/OE
7.5
I/O
10
Q
7
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
TIBPAL20R4-5CFN
TIBPAL20R6-5CFN
TIBPAL20R4-5CJT
TIBPAL20R4-5CNT
TIBPAL20R6-5CJT
TIBPAL20R6-5CNT
MIN
TYP†
MAX
MIN
TYP†
MAX
without feedback
125
125
fmax¶
with internal feedback (counter configuration)
125
125
MHz
with external feedback
117
111
tpd
CLK
Q
1.5
4
1.5
4.5
ns
tpd
CLK
Internal feedback
R1 = 200
Ω,
3.5
3.5
ns
tpd
I, I/O
I/O
R2 = 200
Ω,
1.5
5
1.5
5
ns
ten
OE
Q
See Figure 8
1.5
6
1.5
6
ns
tdis
OE
Q
1
6.5
1
7
ns
ten
I, I/O
I/O
2
7
2
7
ns
tdis
I, I/O
I/O
2
7
2
7
ns
tr
1.5
1.5
ns
tf
1.5
1.5
ns
tsk (o) #
Skew between registered outputs
0.5
0.5
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ I/O leakage is the worst case of IOZL and IIL or IOZH and IIH, respectively.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. VO is set at 0.5 V to
avoid test problems caused by test equipment ground degradation.
¶ See ’fmax Specification’ near the end of this data sheet.
# tsk(o) is the skew time between registered outputs.


Similar Part No. - TIBPAL20R4-7MJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20R4-7C TI-TIBPAL20R4-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20R4-7C TI1-TIBPAL20R4-7C Datasheet
672Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL20R4-7CFN TI-TIBPAL20R4-7CFN Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20R4-7CFN TI1-TIBPAL20R4-7CFN Datasheet
672Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL20R4-7CJT TI-TIBPAL20R4-7CJT Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results

Similar Description - TIBPAL20R4-7MJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20R3 TI-TIBPAL20R3 Datasheet
922Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_08 Datasheet
590Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com