Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2607 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2607
Description  Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2607 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2607 Datasheet HTML 1Page - KR Electronics, Inc. 2607 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2005, KR Electronics, Inc.
Parameter
Specification
Filter type
Bandpass
Center Frequency
89.6 MHz
Insertion Loss
< 3 dB
Minimum 2.5 dB Passband
81.6 to 97.6 MHz
Attenuation 72 MHz
> 50 dB
Attenuation 107.2 MHz
> 50 dB
Source and Load
50
KR 2607 Bandpass
KR 2607 Bandpass
KR 2607 Bandpass
KR 2607 Bandpass
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package — Metal cover, open frame
2.
Dimensions in inches
3.
Use SN60 or SN63 solder during installation—Max reflow temperature 205° C for 10 sec
4.
If boards are cleaned after installation, units must be completely dried to remove any
entrapped moisture that will effect electrical performance


Similar Part No. - 2607

ManufacturerPart #DatasheetDescription
logo
Bi technologies
2607 BITECH-2607 Datasheet
49Kb / 2P
   Turns Counting Dial
logo
TT Electronics.
2607 TTELEC-2607 Datasheet
486Kb / 2P
   Turn Counting Dial
logo
Heyco.
2607 HEYCO-2607 Datasheet
105Kb / 1P
   Dome Plugs
logo
List of Unclassifed Man...
26070 ETC2-26070 Datasheet
313Kb / 1P
   Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
Wurth Elektronik GmbH &...
2607011111000 WURTH-2607011111000 Datasheet
428Kb / 6P
   WIRL-PRO1 Radio module 169MHz
002.000
More results

Similar Description - 2607

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com