Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TICPAL22V10Z-30I Datasheet(PDF) 2 Page - Texas Instruments

Part # TICPAL22V10Z-30I
Description  EPICE CMOS PROGRAMMABLE ARRAY LOGIC CIRCUITS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TICPAL22V10Z-30I Datasheet(HTML) 2 Page - Texas Instruments

  TICPAL22V10Z-30I Datasheet HTML 1Page - Texas Instruments TICPAL22V10Z-30I Datasheet HTML 2Page - Texas Instruments TICPAL22V10Z-30I Datasheet HTML 3Page - Texas Instruments TICPAL22V10Z-30I Datasheet HTML 4Page - Texas Instruments TICPAL22V10Z-30I Datasheet HTML 5Page - Texas Instruments TICPAL22V10Z-30I Datasheet HTML 6Page - Texas Instruments TICPAL22V10Z-30I Datasheet HTML 7Page - Texas Instruments TICPAL22V10Z-30I Datasheet HTML 8Page - Texas Instruments TICPAL22V10Z-30I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TICPAL22V10Z-25C, TICPAL22V10Z-30I
EPIC
™ CMOS PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS007C – D3323, SEPTEMBER 1989 – REVISED FEBRUARY 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2
description
The CMOS PLD devices feature variable product terms, flexible outputs, and virtually zero standby power. It
combines TI’s EPIC
™ (Enhanced Processed Implanted CMOS) process with ultraviolet-light-erasable EPROM
technology. Each output has an output logic macrocell (OLM) configuration allowing for user definition of the
output type. This device provides reliable, low-power substitutes for numerous high-performance TTL PLDs with
gate complexities between 300 and 800 gates.
The TICPAL22V10Z has 12 dedicated inputs and 10 user-definable outputs. Individual outputs can be
programmed as registered or combinational and inverting or noninverting as shown in the OLM diagram. These
ten outputs are enabled through the use of individual product terms
The variable product-term distribution on this device removes rigid limitation to a maximum of eight product
terms per output. This technique allocates from 8 to 16 logical product terms to each output for an average of
12 product terms per output. The variable allocation of product terms allows for far more complex functions to
be implemented in this device than in previously available devices.
With features such as the programmable OLMs and the variable product-term distribution, the TICPAL22V10Z
offers quick design and development of custom LSI functions. Since each of the ten output pins may be
individually configured as inputs on either a temporary or permanent basis, functions requiring up to 21 inputs
and a single output or down to 12 inputs and 10 outputs can be implemented with this device.
Design complexity is enhanced by the addition of synchronous set and asynchronous reset product terms.
These functions are common to all registers. When the synchronous set product term is a logic 1, the output
registers are loaded with a logic 1 on the next low-to-high clock transition. When the asynchronous reset product
term is a logic 1, the output registers are loaded with a logic 0 independently of the clock. The output logic level
after set or reset will depend on the polarity selected during programming.
Output registers of this device can be preloaded to any desired state during testing, thus allowing for full logical
verification during product testing.
The TICPAL22V10Z has internal electrostatic discharge (ESD) protection circuits and has been classified with
a 2000-V ESD rating tested under MIL-STD-883C, Method 3015.6. However, care should be exercised in
handling these devices, as exposure to ESD may result in a degradation of the device parametric performance.
The floating-gate programmable cells allow the devices to be fully programmed and tested before assembly to
assure high field programming yield and functionality. They are then erased by ultraviolet light before packaging.
The TICPAL22V10Z-25C is characterized for operation from 0
°C to 75°C. The TICPAL22V10Z-30I is
characterized for operation from – 40
°C to 85°C.
design security
The ’PAL22V10Z contains a programmable design security cell. Programming this cell will disable the read
verify and programming circuitry protecting the design from being copied. The security cell is usually
programmed after the design is finalized and released to production. A secured device will verify as if every
location in the device is programmed. Because programming is accomplished by storing an invisible charge
instead of opening a metal link, the ’22V10Z cannot be copied by visual inspection. Once a secured device is
fully erased, it can be reprogrammed to any desired configuration.


Similar Part No. - TICPAL22V10Z-30I

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
TICP106D POINN-TICP106D Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
TICP106M POINN-TICP106M Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
TICP107 POINN-TICP107 Datasheet
115Kb / 6P
   SILICON CONTROLLED RECTIFIERS
TICP107D POINN-TICP107D Datasheet
115Kb / 6P
   SILICON CONTROLLED RECTIFIERS
More results

Similar Description - TICPAL22V10Z-30I

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
National Semiconductor ...
PAL20RA10 NSC-PAL20RA10 Datasheet
356Kb / 11P
   PROGRAMMABLE ARRAY LOGIC(PAL)
logo
List of Unclassifed Man...
82S100 ETC1-82S100 Datasheet
684Kb / 10P
   Field Programmable Logic Array
logo
National Semiconductor ...
PAL16RA8 NSC-PAL16RA8 Datasheet
328Kb / 10P
   PROGRAMMABLE ARRAY LOGIC(PAL)
logo
NXP Semiconductors
10H20EV8 PHILIPS-10H20EV8 Datasheet
269Kb / 17P
   ECL programmable array logic
October 22, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com