Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIBPAL20L8-10CFN Datasheet(PDF) 13 Page - Texas Instruments

Part # TIBPAL20L8-10CFN
Description  HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL20L8-10CFN Datasheet(HTML) 13 Page - Texas Instruments

Back Button TIBPAL20L8-10CFN Datasheet HTML 9Page - Texas Instruments TIBPAL20L8-10CFN Datasheet HTML 10Page - Texas Instruments TIBPAL20L8-10CFN Datasheet HTML 11Page - Texas Instruments TIBPAL20L8-10CFN Datasheet HTML 12Page - Texas Instruments TIBPAL20L8-10CFN Datasheet HTML 13Page - Texas Instruments TIBPAL20L8-10CFN Datasheet HTML 14Page - Texas Instruments TIBPAL20L8-10CFN Datasheet HTML 15Page - Texas Instruments TIBPAL20L8-10CFN Datasheet HTML 16Page - Texas Instruments TIBPAL20L8-10CFN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TIBPAL20L8-10C, TIBPAL20R4-10C, TIBPAL20R6-10C, TIBPAL20R8-10C
HIGH-PERFORMANCE IMPACT-X
™ PAL® CIRCUITS
SRPS008A – D3336, OCTOBER 1989 – REVISED MARCH 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
13
fmax SPECIFICATIONS
fmax without feedback, see Figure 3
In this mode, data is presented at the input to the flip-flop and clocked through to the Q output with no feedback.
Under this condition, the clock period is limited by the sum of the data setup time and the data hold time (tsu + th).
However, the minimum fmax is determined by the minimum clock period (tw high + tw low).
Thus, fmax without feedback +
1
(twhigh ) twlow)
or
1
(tsu ) th)
.
CLK
LOGIC
ARRAY
tsu + th
or
tw high + tw low
C1
1D
Figure 3. fmax Without Feedback
fmax with internal feedback, see Figure 4
This configuration is most popular in counters and on-chip state-machine designs. The flip-flop inputs are
defined by the device inputs and flip-flop outputs. Under this condition, the period is limited by the internal delay
from the flip-flop outputs through the internal feedback and logic array to the inputs of the next flip-flop.
Thus, fmax with internal feedback +
1
(tsu ) tpd CLK * to * FB)
.
Where tpd CLK-to-FB is the deduced value of the delay from CLK to the input of the logic array.
CLK
LOGIC
ARRAY
tsu
tpd CLK - to - FB
C1
1D
Figure 4. fmax With Internal Feedback


Similar Part No. - TIBPAL20L8-10CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
922Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
More results

Similar Description - TIBPAL20L8-10CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20R3 TI-TIBPAL20R3 Datasheet
922Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_08 Datasheet
590Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com