Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVP400-T050II Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HVP400-T050II
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE BOX SINGLE & MULTI-OUTPUT 400 WATTS INTERNAL SWITCHING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP400-T050II Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HVP400-T050II Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP400-T050II Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-63-
H HiTRON
UNIVERSAL INPUT HARMONIC CORRECTION
AC-DC N+1 REDUNDANCY AND ACTIVE CURRENT SHARING
ENCLOSURE BOX SINGLE & MULTI-OUTPUT 400 WATTS
INTERNAL SWITCHING POWER SUPPLIES HVP400 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
MEET IEC 61000-3-2 HARMONIC CORRECTION
THIRD-WIRE CURRENT SHARING
OR-ING DIODES FOR N+1 REDUNDANCY
HOT-SWAPPABLE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN 55022 CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ. 65-70%.
Switching Frequency: Fixed frequency at 56K Hz.
Circuit Topology: PWM Fixed Frequency Forward Circuit.
Transient Response: Output voltage returns in
less than 3mS following
a 25% load change.
Safety Standard: UL 60950-1/EN 60950-1 Class I.
Hot Swappable: Available.
Power Density: 2.95 Watts / Cubic Inch.
Operating Temperature: 0 to +50°C under 35 cfm forced
air cooling for full load.
Storage Temperature: -20 to +85 °C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: At least required 35 cfm forced cooling air flow
for full load operation.
MTBF: 180,000 hours at full load and 25°C by
MIL-HDBK-217F spec.
Construction: Enclosure box.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: B-S/S-T/Molex MLX5045.
Output Wattage: Typ. 350-400 watts.
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 typ. ±1.0%.
Aux.VO2 typ. ±1-2% (Magnetic Amp.).
Aux.VO3 typ. ±3.0% (Couple Common Choke).
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main VO1.
Remote Sense: Available at VO1 & VO2 rail.
Redundancy: Available for N+1 redundancy operation for
sharing the load.
Current Sharing: 3rd-wire current sharing for VO1
& VO2 rails.
OR-ing Diode: Installed in VO1,2,3.
Adjustability: Available at VO1 & VO2.
Output LED Indicator: Installed in VO1,2,3.
Overload Protection (OLP): Fully protected against
output overload and short circuit.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: IEC320-3P & On/Off Switch.
Input Frequency: 47-63Hz.
Inrush Current: ≤ 30A @230Vac by active inrush
current limiter circuit.
Input Current: 5.8A @ 115Vac, 2.6A @ 230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet EN 55022 Class B.
Hold-up Time: Typ. 7.2-12mS @ 115Vac and
Typ. 35-42mS @ 230Vac.
Power OK Signal: Available at VO1 & VO2.
Power Factor Correction: Meet IEC 61000-3-2 Harmonic
Correction. PF typ. 0.92-0.98.
Over Temp. Protection: By thermostat.
Power Disable: Pin P3-2/open=shut-down.
Pin P3-2/short=Operation.
Power On LED Indicator: Installed.
Earth Leakage: Less than 0.5mA @230Vac.
In application


Similar Part No. - HVP400-T050II

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
   Small footprint
logo
M-System Co.,Ltd.
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
logo
Anshan Leadsun Electron...
HVP-08 LEADSUN-HVP-08 Datasheet
305Kb / 1P
   High Voltage Silicon Assembly Series
logo
GETAI ELECTRONICS DEVIC...
HVP-10 GETEDZ-HVP-10 Datasheet
127Kb / 1P
   10kV 750mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
More results

Similar Description - HVP400-T050II

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPVP348 TOTAL-POWER-TPVP348 Datasheet
341Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE BOX WITH FAN TRIPLE OUTPUT 350 WATTS INTERNAL SWITCHING
logo
HITRON ELECTRONICS CORP...
HVP348 HITRON-HVP348 Datasheet
262Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE BOX WITH FAN TRIPLE OUTPUT 350 WATTS INTERNAL SWITCHING
HVP500 HITRON-HVP500 Datasheet
272Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE PLUG-IN BOX TRIPLE OUTPUT 500 WATTS INTERNAL SWITCHING
HVP350 HITRON-HVP350 Datasheet
317Kb / 2P
   AUTO-RANGING INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING OPEN FRAME SINGLE & MULTI-OUTPUT 350 WATTS INTERNAL SWITCHING
HVP351 HITRON-HVP351 Datasheet
301Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC HOT SWAPPABLE N1 REDUNDANCY AND ACTIVE CURRENT SHARING OPEN FRAME QUAD OUTPUT 350 WATTS INTERNAL SWITCHING
HVP200 HITRON-HVP200 Datasheet
383Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME AND ACTIVE CURRENT SHARING MULTI-OUTPUT 200 WATTS INTERNAL SWITCHING POWER SUPPLIES
HAC400P HITRON-HAC400P Datasheet
198Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HPD150 HITRON-HPD150 Datasheet
226Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN- RAIL SINGLE OUTPUT 150 WATTS ACTIVE CURRENT SHARING SWITCHING MODE POWER SUPPLIES
HAC250P HITRON-HAC250P Datasheet
318Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC301P HITRON-HAC301P Datasheet
333Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 301 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com