Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVP400-T033II Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVP400-T033II
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE BOX SINGLE & MULTI-OUTPUT 400 WATTS INTERNAL SWITCHING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP400-T033II Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVP400-T033II Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP400-T033II Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-64-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 2,400.0g (85.0 Oz.)
SINGLE OUTPUT
MAIN VO1 @★#≡⊙
MODEL NO.
Typ.
Volt.
HVP400-S033850
85.0A
3.3V
HVP400-S050700
70.0A
5.0V
HVP400-S120300
30.0A
12.0V
HVP400-S150250
25.0A
15.0V
HVP400-S240160
16.0A
24.0V
HVP400-S280140
14.0A
28.0V
HVP400-S360110
11.0A
36.0V
HVP400-S480085
8.5A
48.0V
DUAL OUTPUT
MAIN VO1 @★#≡⊙
AUX. VO2 @▲◇#≡⊙
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HVP400-D033E
70.0A
+3.3V
20.0A
5.0V
HVP400-D033I
70.0A
+3.3V
10.0A
12.0V
HVP400-D033K
70.0A
+3.3V
8.0A
15.0V
HVP400-D033M
70.0A
+3.3V
5.0A
24.0V
HVP400-D050I
55.0A
+5.0V
10.0A
12.0V
HVP400-D050K
55.0A
+5.0V
8.0A
15.0V
HVP400-D050M
55.0A
+5.0V
5.0A
24.0V
TRIPLE OUTPUT
MAIN VO1 @★#AUX. VO2 @▲◇#≡⊙
AUX. VO3 ■◇⊙
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVP400-T033EI
70.0A
+3.3V
25.0A
5.0V
3.0A
12.0V
HVP400-T033II
70.0A
+3.3V
10.0A
12.0V
3.0A
12.0V
HVP400-T050DI
50.0A
+5.0V
25.0A
3.3V
3.0A
12.0V
HVP400-T050II
50.0A
+5.0V
10.0A
12.0V
3.0A
12.0V
HVP400-T050IE
50.0A
+5.0V
10.0A
12.0V
3.0A
5.0V
HVP400-T050MI
50.0A
+5.0V
5.0A
24.0V
3.0A
12.0V
HVP400-T050KK
50.0A
+5.0V
8.0A
15.0V
3.0A
15.0V
Symbol: "★" OVP built-in. "@" Adjustable. "◇" Floating(or isolated) output. "#" Remote sensing.
"
" Active current sharing. "▲" Installed with magnetic amplifier. "⊙" Installed with OR-ing diode.
"■" Couple common choke.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE O/P
DUAL & TRIPLE O/P
ASSORTED SIGNALS
ASSIGNMENT
AC-L
AC-N
AC-G
VO1
DC-
COM
VO1
DC-
COM
+VO2 -VO2 +VO3 -VO3 +VO1# -VO1# +VO1≡ -VO1≡ +VO2# -VO2# +VO2≡ -VO2≡
Power
Good
Power
Disable
DC
COM
CNTR & PIN#
L
N
G
P1-V1
P1-
COM
P1-V1
P1-
COM
P2-4
P2-3
P2-2
P2-1
P3-4
P3-6
P3-3
P3-5
P4-4
P4-3
P4-2
P4-5
P4-1
P3-2
P3-1
Mating connector: P1 &P2 No-needed. P3 & P4 Molex MLX5051.


Similar Part No. - HVP400-T033II

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
   Small footprint
logo
M-System Co.,Ltd.
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
logo
Anshan Leadsun Electron...
HVP-08 LEADSUN-HVP-08 Datasheet
305Kb / 1P
   High Voltage Silicon Assembly Series
logo
GETAI ELECTRONICS DEVIC...
HVP-10 GETEDZ-HVP-10 Datasheet
127Kb / 1P
   10kV 750mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
More results

Similar Description - HVP400-T033II

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPVP348 TOTAL-POWER-TPVP348 Datasheet
341Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE BOX WITH FAN TRIPLE OUTPUT 350 WATTS INTERNAL SWITCHING
logo
HITRON ELECTRONICS CORP...
HVP348 HITRON-HVP348 Datasheet
262Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE BOX WITH FAN TRIPLE OUTPUT 350 WATTS INTERNAL SWITCHING
HVP500 HITRON-HVP500 Datasheet
272Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE PLUG-IN BOX TRIPLE OUTPUT 500 WATTS INTERNAL SWITCHING
HVP350 HITRON-HVP350 Datasheet
317Kb / 2P
   AUTO-RANGING INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING OPEN FRAME SINGLE & MULTI-OUTPUT 350 WATTS INTERNAL SWITCHING
HVP351 HITRON-HVP351 Datasheet
301Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC HOT SWAPPABLE N1 REDUNDANCY AND ACTIVE CURRENT SHARING OPEN FRAME QUAD OUTPUT 350 WATTS INTERNAL SWITCHING
HVP200 HITRON-HVP200 Datasheet
383Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME AND ACTIVE CURRENT SHARING MULTI-OUTPUT 200 WATTS INTERNAL SWITCHING POWER SUPPLIES
HAC400P HITRON-HAC400P Datasheet
198Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HPD150 HITRON-HPD150 Datasheet
226Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN- RAIL SINGLE OUTPUT 150 WATTS ACTIVE CURRENT SHARING SWITCHING MODE POWER SUPPLIES
HAC250P HITRON-HAC250P Datasheet
318Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC301P HITRON-HAC301P Datasheet
333Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 301 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com