Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVP150-292 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVP150-292
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP150-292 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVP150-292 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP150-292 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-58-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
DUAL OUTPUT
MAIN VO1 @★#
MAIN VO1 @★#
AUX. VO2 †■
MODEL NO.
Typ.
Volt.
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HVP150-10
28.0A
5.0V
HVP150-20
25.0A
+5.0V
2.0A
+5.0V
HVP150-11
12.0A
12.0V
HVP150-21
24.0A
+5.0V
2.0A
+12.0V
HVP150-12
9.6A
15.0V
HVP150-22
24.0A
+5.0V
1.6A
+15.0V
HVP150-13
6.0A
24.0V
HVP150-23
24.0A
+5.0V
1.0A
+24.0V
HVP150-14
5.2A
28.0V
HVP150-290A
25.0A
+5.0V
2.0A
+3.3V
HVP150-15
4.0A
36.0V
HVP150-290B
25.0A
+3.3V
2.0A
+5.0V
HVP150-16
4.5A
32.0V
HVP150-291
24.0A
+3.3V
2.0A
+12.0V
HVP150-17
3.0A
48.0V
HVP150-292
24.0A
+3.3V
1.6A
+15.0V
HVP150-190
28.0A
3.3V
HVP150-23
24.0A
+3.3V
1.0A
+24.0V
Symbol:"
" OVP built-in. "@" Adjustable. "†" Stack on main output. "#" Remote sensing. "■" couple filter choke.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 942.0g (33.2 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE/DUAL OUTPUT
ASSORTED SIGNALS
ASSIGNMENT AC-L AC-N AC-G
+VO1
+VO2
DC-COM
DC COM
POWER FAIL
(Active Low)
VO1 SENSE+
VO1 SENSE-
HVP150-1X
P1-1 P1-2 P1-3
P2-7,8,9,10
-
P2-2,3,4,5,6
P3-1
P3-2
P4-1
P4-2
HVP150-2X
P1-1 P1-2 P1-3
P2-7,8,9,10
P2-1
P2-2,3,4,5,6
P3-1
P3-2
P4-1
P4-2
Mating connector: P1: AMP 640426-5 or Molex 5239-5A.
P2: AMP 640427-0 or Molex 5239-10A, 5195-10A.
P3 & P4: AMP 640440-2 or Molex 2695-2A.


Similar Part No. - HVP150-292

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
HVP1507057FB AAC-HVP1507057FB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
HVP1507057GB AAC-HVP1507057GB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
HVP1507057JB AAC-HVP1507057JB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
HVP1507057KB AAC-HVP1507057KB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
More results

Similar Description - HVP150-292

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP180 HITRON-HVP180 Datasheet
547Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP-149 TOTAL-POWER-TPVP-149 Datasheet
400Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS
logo
HITRON ELECTRONICS CORP...
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP103 TOTAL-POWER-TPVP103 Datasheet
781Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
TPVP-103 TOTAL-POWER-TPVP-103 Datasheet
787Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com