Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVP200-33 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVP200-33
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME AND ACTIVE CURRENT SHARING MULTI-OUTPUT 200 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP200-33 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVP200-33 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP200-33 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-54-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1,164.0g (41.0 Oz.)
TRIPLE OUTPUT (Under forced air cooling)
MAIN VO1 @★#≡
AUX. VO2 @★#▲
AUX. VO3◇■●
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVP200-30
25.0A
+5.0V
4.0A
+12.0V
1.0A
12.0V
HVP200-31
25.0A
+5.0V
4.0A
+12.0V
2.0A
5.0V
HVP200-32
25.0A
+5.0V
10.0A
+3.3V
1.0A
12.0V
HVP200-33
25.0A
+5.0V
10.0A
+3.3V
1.0A
15.0V
DUAL OUTPUT (Under forced air cooling)
MAIN VO1 @★#≡
AUX. +VO2 @★#▲
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HVP200-20
25.0A
+5.0V
10.0A
+5.0V
HVP200-21
25.0A
+5.0V
5.0A
+12.0V
HVP200-22
25.0A
+5.0V
4.0A
+15.0V
HVP200-23
25.0A
+5.0V
2.5A
+24.0V
HVP200-290A
25.0A
+5.0V
15.0A
+3.3V
HVP200-290B
30.0A
+3.3V
15.0A
+5.0V
HVP200-291
30.0A
+3.3V
5.0A
+12.0V
HVP200-292
30.0A
+3.3V
4.0A
+15.0V
HVP200-293
30.0A
+3.3V
2.5A
+24.0V
QUAD OUTPUT (Under forced air cooling)
MAIN VO1 @★#≡
AUX. VO2 @★#▲
AUX. VO3◇■●
AUX. VO4 ◇■●
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVP200-40
20.0A
+5.0V
4.0A
+12.0V
3.0A
12.0V
3.0A
12.0V
HVP200-41
20.0A
+5.0V
4.0A
+12.0V
3.0A
5.0V
3.0A
5.0V
HVP200-42
20.0A
+5.0V
2.0A
+24.0V
3.0A
12.0V
3.0A
12.0V
HVP200-43
20.0A
+5.0V
3.5A
+15.0V
3.0A
12.0V
3.0A
12.0V
HVP200-490A
20.0A
+5.0V
15.0A
+3.3V
3.0A
12.0V
3.0A
12.0V
HVP200-490B
20.0A
+3.3V
15.0A
+5.0V
3.0A
12.0V
3.0A
5.0V
HVP200-491A
20.0A
+5.0V
15.0A
+3.3V
2.5A
15.0V
2.5A
15.0V
HVP200-491B
20.0A
+3.3V
15.0A
+5.0V
2.5A
15.0V
2.5A
15.0V
PENTAD OUTPUT (Under forced air cooling)
MAIN VO1 @★#≡
AUX. VO2 @★#▲
AUX. VO3 ◇■●
AUX. ◇VO4 ■●
AUX. VO5 ■●
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVP200-590
20.0A
+3.3V
12.0A
+5.0V
1.0A
12.0V
1.0A
12.0V
1.0A
+15.0V
HVP200-591
20.0A
+3.3V
5.0A
+12.0V
1.0A
12.0V
1.0A
12.0V
2.0A
+5.0V
HVP200-592
20.0A
+3.3V
12.0A
+5.0V
1.0A
15.0V
1.0A
15.0V
1.0A
+12.0V
HVP200-593
8.0A
+3.3V
5.0A
+12.0V
3.0A
12.0V
3.0A
12.0V
2.0A
+5.0V
Symbol: "★" OVP built-in. "@" Adjustable. "■" Couple filter inductor. "#" Remote sensing. "◇" Floating (or isolated) output.
"●" Installed with Post Regulator (P.R.). "▲" Installed with magnetic amplifier. "≡"Active current sharing.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
DUAL/TRIPLE/QUAD/PENTAD OUTPUT
ASSORTED SIGNALS
ASSIGNMENT AC-L AC-N AC-G +VO1
DC-
COM
VO2
VO5
VO3
VO4
-VO3
-VO4
DC-
COM
Enable
Power
Fail
DC-
OK
+5V
S. B.
VO1
+S
VO1
–S
VO1
VO2
+S
VO2
-S
CNTR&PIN# P1-L P1-N P1-G
P2-1,
2,3
P2-4,
5,6,7
P2-8,
9,10
P3-1,2 P3-3,4
P3-9,
10
P3-5,6 P3-7,8
P4-5
P4-3
P4-1
P4-2
P4-4
P4-7 P4-8
P4-6
P4-10 P4-9
Mating connector: P1,2,3 Molex # 5195 or 5239 series.
P4 Molex # 5264 series or equivalent.


Similar Part No. - HVP200-33

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
HVP2007057FB AAC-HVP2007057FB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
HVP2007057GB AAC-HVP2007057GB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
HVP2007057JB AAC-HVP2007057JB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
HVP2007057KB AAC-HVP2007057KB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
More results

Similar Description - HVP200-33

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HIRP200 HITRON-HIRP200 Datasheet
117Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION RESONANT AC-DC OPEN FRAME TRIPLE OUTPUT 200 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP180 HITRON-HVP180 Datasheet
547Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP150 HITRON-HVP150 Datasheet
380Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP351 HITRON-HVP351 Datasheet
301Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC HOT SWAPPABLE N1 REDUNDANCY AND ACTIVE CURRENT SHARING OPEN FRAME QUAD OUTPUT 350 WATTS INTERNAL SWITCHING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com