Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVP101-Q050DIE Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVP101-Q050DIE
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP101-Q050DIE Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVP101-Q050DIE Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP101-Q050DIE Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-46-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 368.0g(12.97 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT
SINGLE OUTPUT
DUAL OUTPUT
QUAD OUTPUT
ASSIGNMENT
L
N
GND
VO1
DC
COM
+VO1#
P.OK
VO1
VO2
DC
COM
+VO1 # +VO2 # P.OK
VO1
DC
COM
VO2
VO3
VO4
VO1+ #
VO2+ #
VO1,2- #
P. OK
CONNECTOR
& PIN #
P1-3 P1-1
Tab
P2-6,7,8,
9,10,11
P2-1,2,
3,4,5
P2-13
P2-14
P2-9,
10,11
P2-6,
7,8
P2-1,2,
3,4
P2-13
P2-12
P2-14
P2-1,2,
3,4
P2-5,6
7,8
P2-9,10 P2-11 P2-12
P3-3
P3-4
P3-1
P3-2
Mating connector: Molex 5195 or 5239 series.
SINGLE OUTPUT (Under forced air flow)
MAIN VO1 ★@#
MODEL NO.
Typ.
Volt.
Peak
HVP101-S033200 20.0A
3.3V 25.0A
HVP101-S050160 16.0A
5.0V 20.0A
HVP101-S120085
8.5A 12.0V
9.0A
HVP101-S150068
6.8A 15.0V
7.0A
HVP101-S240042
4.2A 24.0V
6.0A
HVP101-S280036
3.6A 28.0V
5.0A
HVP101-S360028
2.8A 36.0V
4.0A
HVP101-S480021
2.1A 48.0V
3.0A
DUAL OUTPUT (Under forced air flow)
MAIN VO1 ★@#
AUX. VO2 ▲#
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HVP101-D050E
12.0A
+5.0V
6.0A
+5.0V
HVP101-D050I
12.0A
+5.0V
4.0A
+12.0V
HVP101-D050K
12.0A
+5.0V
3.0A
+15.0V
HVP101-D050D
12.0A
+5.0V
8.0A
+3.3V
HVP101-D033I
15.0A
+3.3V
4.0A
+12.0V
HVP101-D033K
15.0A
+3.3V
3.0A
+15.0V
QUAD OUTPUT (Under forced air flow)
MAIN VO1 ★@#
AUX. VO2 ★@▲#
AUX. VO3 ★@▲
AUX. VO4 ●
MODEL NO.
Typ.
Volt
Typ.
Volt
Typ.
Volt
Typ.
Volt
HVP101-Q050DII
12.0A
+5.0V
6.0A
+ 3.3V
1.5A
+12V
0.5A
-12V
HVP101-Q050DIE
12.0A
+5.0V
7.0A
+ 3.3V
1.5A
+12V
0.5A
- 5V
HVP101-Q050MII
10.0A
+5.0V
1.5A
+24.0V
1.5A
+12V
0.2A
-12V
HVP101-Q050KIE
10.0A
+5.0V
2.5A
+15.0V
1.5A
+12V
0.4A
- 5V
HVP101-Q050KII
8.0A
+5.0V
2.5A
+15.0V
2.0A
+12V
0.2A
-12V
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sense. "●" Installed with Post Regulator. "▲" Installed with magnetic amplifier.
Remark: Peak output, less than 60 Sec. with 10% duty cycle.
SINGLE/DUAL OUTPUT
QUAD OUTPUT


Similar Part No. - HVP101-Q050DIE

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HVP101-Q050DIE TOTAL-POWER-HVP101-Q050DIE Datasheet
435Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTIPLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES HVP101 SERIES
More results

Similar Description - HVP101-Q050DIE

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP103 TOTAL-POWER-TPVP103 Datasheet
781Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
TPVP-103 TOTAL-POWER-TPVP-103 Datasheet
787Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
logo
HITRON ELECTRONICS CORP...
HVP150 HITRON-HVP150 Datasheet
380Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP180 HITRON-HVP180 Datasheet
547Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
HVP101 TOTAL-POWER-HVP101 Datasheet
435Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTIPLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES HVP101 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com