Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVP150-11 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HVP150-11
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP150-11 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HVP150-11 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP150-11 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-57-
H HiTRON
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC
OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS
INTERNAL SWITCHING POWER SUPPLIES HVP150 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
MEET IEC1000-3-2 HARMONIC CORRECTION
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: AMP 640445-0 & 640456-2
or Molex 5273-10A & 6410-2A.
Line Regulation: Typ. 0.1%
Load Regulation: Main VO1 typ. ±1.0%.
Aux. VO2 typ. ±5.0% (stacked-on).
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main VO1 only.
Remote Sensing: Available at VO1.
Adjustability: Available at VO1.
DC OK: Installed.
Overload Protection (OLP): Fully protected against
output overload and short circuit.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 76%.
Switching Frequency: Fixed freq. at 75K Hz.
Circuit Topology: PWM fixed-frequency forward circuit.
Transient Response: Output voltage returns in
less than 3ms following
a 25% load change.
Safety Standard: UL1950/EN60950 Class I.
Operating Temperature: 0 to +50°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: Recommended 25 cfm fan cooling for full
rating load.
Construction: U-bracket construction format.
Power Density: 2.50Watts / Cubic Inch.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: AMP 643495-2 connector or
Molex 5273-5A.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 20A @230Vac (active).
Input Current: Typ. 2.3A@ 115Vac, 0.76A @230Vac.
Dielectric Withstand: Meet IEC950.
EMI: Meet CISPR PUB.22 Class B.
Hold-up Time: Typ. 30mS @115Vac & 230Vac.
Power Fail Signal: Installed.
Power Factor Correction: Meet Harmonic Correction
per IEC1000-3-2 PF typ. 0.97-0.98.
Earth Leakage: Less than 0.5mA@230Vac.


Similar Part No. - HVP150-11

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
HVP1507057FB AAC-HVP1507057FB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
HVP1507057GB AAC-HVP1507057GB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
HVP1507057JB AAC-HVP1507057JB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
HVP1507057KB AAC-HVP1507057KB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
More results

Similar Description - HVP150-11

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP180 HITRON-HVP180 Datasheet
547Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP-149 TOTAL-POWER-TPVP-149 Datasheet
400Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS
logo
HITRON ELECTRONICS CORP...
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP103 TOTAL-POWER-TPVP103 Datasheet
781Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
TPVP-103 TOTAL-POWER-TPVP-103 Datasheet
787Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com