Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVI72-42 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HVI72-42
Description  UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI72-42 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HVI72-42 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI72-42 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-25-
H HiTRON
UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE &
MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING
POWER SUPPLIES HVI72 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
OPEN FRAME OR BOX FORMATS
LOW COST COMMERCIAL GRADE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Rating Chart.
Output Connector: B-S or V-M connector.
Output Wattage: Typ. 72 Watts.
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 typ. ±1.0%.
Aux. VO2 typ. ±3.0%. (stacked on)
Aux. VO3/VO4 typ. ±2.0%. (P.R.)
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main VO1 (Latch).
Adjustability: Available at main VO1.
LED Indicator: Output indicating.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 72%.
Switching Frequency: Fixed frequency.45K Hz.
Circuit Topology: Fixed Frequency Flyback Circuit.
Transient Response: Output voltage returns in less than
3mS following a 25% load change.
Safety Standard: UL 60950-1/EN 60950-1 Class I.
Operating Temperature: 0 to +50°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.03% /°C.
Cooling: Free air convection cooling.
Construction format: L-Bracket or enclosure box format.
Power Density: 2.0 Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range 90-264Vac.
Rating 100 to 240Vac.
Input Connector: B-S or V-M connectors.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 25A peak @230Vac.
Input Current: Typ. 2.0A @115Vac, 0.6 A @230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class B.
No Load Operation: No damage.
Overshoot: No voltage spike while power ON/OFF.
Hold-up Time: Typ. 20mS @115Vac, 80mS @230Vac.
Earth Leakage: Less than 0.5mA @230Vac.
In application


Similar Part No. - HVI72-42

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVI78 ETC-HVI78 Datasheet
495Kb / 1P
   HIGH VOLTAGE RESISOTRS
More results

Similar Description - HVI72-42

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI19 HITRON-HVI19 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI48 HITRON-HVI48 Datasheet
315Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI100 HITRON-HMI100 Datasheet
104Kb / 3P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI41 HITRON-HVI41 Datasheet
350Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com