Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVI41-33A Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVI41-33A
Description  UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI41-33A Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVI41-33A Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI41-33A Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-12-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 169.0g (5.96 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
DUAL OUTPUT
MAIN VO1 @★
AUX. VO2 † or – VO3
MODEL NO.
Typ.
Fan-C
Volt.
Typ.
Fan-C
Volt.
HVI41-20
6.0A
7.0A
5.0V
2.0A
2.5A
5.0V
HVI41-21
4.0A
4.5A
5.0V
2.0A
2.5A
12.0V
HVI41-22
4.0A
4.5A
5.0V
1.5A
2.0A
15.0V
HVI41-23
4.0A
4.5A
5.0V
1.0A
1.5A
24.0V
HVI41-24
1.8A
2.0A
12.0V
1.8A
2.0A
12.0V
HVI41-290
5.0A
6.0A
3.3V
1.8A
2.0A
5.0V
SINGLE OUTPUT
MAIN VO1 @★
MODEL NO.
Typ.
Fan-C
Volt.
HVI41-10
8.00A
9.0A
5.0V
HVI41-11
3.30A
4.0A
12.0V
HVI41-12
2.60A
3.3A
15.0V
HVI41-13
1.60A
2.0A
24.0V
HVI41-14
1.28A
1.8A
30.0V
HVI41-16
0.80A
1.0A
48.0V
HVI41-19
8.00A
9.0A
3.3V
TRIPLE OUTPUT
MAIN VO1 @★
AUX. VO2 †
AUX. VO3
MODEL NO.
Typ.
Fan-C
Volt.
Typ.
Fan-C
Volt.
Typ.
Fan-C
Volt.
HVI41-30
4.0A
4.5A
+5.0V
2.0A
3.0A
+12V
0.2A
0.5A
-12V
HVI41-31
4.0A
4.5A
+5.0V
2.0A
3.0A
+12V
0.2A
0.5A
-5V
HVI41-32
4.0A
4.5A
+5.0V
0.5A
1.0A
+24V
0.2A
0.5A
-12V
HVI41-33
4.0A
4.5A
+5.0V
1.6A
2.0A
+15V
0.2A
0.5A
-15V
HVI41-33A
1.0A
1.5A
+5.0V
0.5A
0.8A
+15V
0.5A
0.8A
-15V
HVI41-390
4.0A
4.5A
+3.3V
1.8A
2.0A
+5V
0.2A
0.5A
-12V
HVI41-391
4.0A
4.5A
+3.3V
1.8A
2.0A
+5V
0.2A
0.5A
-5V
Symbol: " " OVP built-in. "@" Adjustable. "†" Stacked on main O/P. " " Installed with Post Regulator (P.R.).
AC INPUT
SINGLE OUTPUT
DUAL OUTPUT
TRIIPLE OUTPUT
ASSIGNMENT
AC-
LINE
AC-
NEUTRAL
FASTON
VO1
DC COM
VO1
VO2 DC COM VO1
VO2
VO3
DC
COM
CONNECTOR & PIN # P1- 1
P1- 2
AC-GROUND
P2-1,2,3
P2-4,5,6
P2-2,3
P2-1
P2-4,5,6 P2-2,3
P2-1
P2-6
P2-4,5
Mating connector: Molex 5195 or 5239 series.


Similar Part No. - HVI41-33A

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI43 HITRON-HVI43 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI43-S033800 HITRON-HVI43-S033800 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI43-S050800 HITRON-HVI43-S050800 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI43-S120340 HITRON-HVI43-S120340 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI43-S150270 HITRON-HVI43-S150270 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HVI41-33A

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI48 HITRON-HVI48 Datasheet
315Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI72 HITRON-HVI72 Datasheet
410Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI40 HITRON-HMI40 Datasheet
113Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 40 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI19 HITRON-HVI19 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI20 HITRON-HVI20 Datasheet
278Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 10-25 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10 HITRON-HVI10 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com