Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVI102-12 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HVI102-12
Description  UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI102-12 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HVI102-12 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI102-12 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-29-
H HiTRON
UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE &
MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING
POWER SUPPLIES HVI102 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
LOW-PROFILE U-BRACKET FORMAT
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range typ. 90-264Vac.
Rating 100 to 240Vac.
Input Connector: V-M connector.
Input Frequency: 47-63Hz.
Inrush Current: ≤30.6A peak @230Vac.
Input Current: Typ. 1.8A @115Vac, 0.8A @230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class B.
Hold-up Time: Typ. 11mS @115Vac, 60mS @ 230Vac.
Power Fail Signal: Installed.
Earth Leakage: Less than 0.4mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: V-M connector.
Output Wattage: Typ. 100 watts.
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 typ. ±1-2%.
Aux.VO2/VO3/VO4 typ. ± 3-5% (Common choke).
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main output.
UVP: Built-in at main output.
Remote Sensing: Installed in main output VO1.
Adjustability: Available at main output VO1.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 80-82%.
Switching Frequency: 63K Hz.
Circuit Topology: Fixed frequency forward circuit.
Transient Response: Output voltage returns in
less than 3mS following
a 25% load change.
Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Power Density: 4.10Watts / Cubic Inch.
Operating Temperature: 0 to +50 °C under forced air flow
for full load.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04%/°C.
Cooling: At least 25 cfm direct forward air flow is
required to achieve full rating power.
Construction: U-bracket format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
For the details of safety approval, please consult the factory.


Similar Part No. - HVI102-12

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI10 HITRON-HVI10 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10-10 HITRON-HVI10-10 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10-11 HITRON-HVI10-11 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10-12 HITRON-HVI10-12 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10-13 HITRON-HVI10-13 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HVI102-12

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI72 HITRON-HVI72 Datasheet
410Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI100 HITRON-HMI100 Datasheet
104Kb / 3P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI19 HITRON-HVI19 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI48 HITRON-HVI48 Datasheet
315Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI41 HITRON-HVI41 Datasheet
350Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com