Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVI41-24 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HVI41-24
Description  UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI41-24 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HVI41-24 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI41-24 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-11-
H HiTRON
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE &
MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING
POWER SUPPLIES HVI41 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
SMALL & COMPACT IN SIZE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ. 75-85%.
Switching Frequency: 60K Hz.
Circuit Topology: Fixed Frequency Flyback Circuit.
Transient Response: Output voltage returns in less than
3mS following a 25% load change.
Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Operating Temperature: 0 to +50°C convection.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C
Cooling: Free air convection, or with 20 cfm fan cooling.
Construction: PCB open frame format.
Power Density: 3.36-3.79Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 40 watts with convection or
50 watts with 20 cfm fan cooling.
Output Connector: Molex V-M.
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 typ.± 2.0%.
Aux. VO2 typ. ± 5.0%(stacked on).
VO3 typ. ± 3.0%(P.R.).
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main VO1 (Latch).
Adjustability: Available at main VO1.
Overload Protection (OLP): Fully protected against output
overload and short circuit.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range typ. 90-264Vac.
Rating 100 to 240Vac.
Input Connector: Molex V-M.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 25.0A @230Vac.
Input Current: Typ. 0.7-1.2A@115Vac.
0.3-0.4A@230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class B.
Hold-up Time: Typ. 18mS @115Vac, 90mS @230Vac.
Earth Leakage: Less than 0.3mA @230Vac.
For the details of safety approval, please consult the factory.


Similar Part No. - HVI41-24

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI43 HITRON-HVI43 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI43-S033800 HITRON-HVI43-S033800 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI43-S050800 HITRON-HVI43-S050800 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI43-S120340 HITRON-HVI43-S120340 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI43-S150270 HITRON-HVI43-S150270 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HVI41-24

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI48 HITRON-HVI48 Datasheet
315Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI72 HITRON-HVI72 Datasheet
410Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI40 HITRON-HMI40 Datasheet
113Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 40 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI19 HITRON-HVI19 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI20 HITRON-HVI20 Datasheet
278Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 10-25 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10 HITRON-HVI10 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com