Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVI65-32 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HVI65-32
Description  UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI65-32 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HVI65-32 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI65-32 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-23-
H HiTRON
UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT
65 WATT INTERNAL SWITCHING POWER SUPPLIES HVI65 SERIES
In application
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
PCB OPEN FRAME FORMAT
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ. 72%.
Switching Frequency: Fixed freq.65K Hz.
Circuit Topology: Fixed Frequency Flyback Circuit.
Transient Response: Output voltage returns in
less than 3mS following a 25% load change.
Safety Standard: EN 60950-1/UL 60950-1 Class I.
Operating Temperature: 0 to +50°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.03% /°C.
Cooling: Free air convection cooling.
Construction format: PCB format.
Power Density: 2.0 Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: V-M connectors.
Output Wattage: Typ. 65 Watts.
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 typ. ±1.0-2.0%.
Aux. VO2 typ. ±2.0-3.0%. (P.R.)
Aux. VO3 typ. ±2.0-3.0%. (P.R.)
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main VO1 (Crowbar).
Adjustability: Available at main VO1.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range typ. 90-264Vac.
Rating 100 to 240Vac.
Input Connector: V-M connectors & Faston.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 25A peak at 264Vac.
Input Current: Typ. 1.4A @115Vac, 0.7A @230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class B.
No Load Operation: No damage.
Overshoot: No voltage spike.
Hold-up Time: Typ. 15mS @ 115Vac, 60mS @ 230Vac.
Earth Leakage: Less than 0.5mA @ 230Vac.


Similar Part No. - HVI65-32

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI63 HITRON-HVI63 Datasheet
218Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI63-S033100 HITRON-HVI63-S033100 Datasheet
218Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI63-S050100 HITRON-HVI63-S050100 Datasheet
218Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI63-S120050 HITRON-HVI63-S120050 Datasheet
218Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI63-S150040 HITRON-HVI63-S150040 Datasheet
218Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HVI65-32

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPVI-65 TOTAL-POWER-TPVI-65 Datasheet
338Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES TPVI65 SERIES
TPVI65 TOTAL-POWER-TPVI65 Datasheet
333Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES TPVI65 SERIES
logo
HITRON ELECTRONICS CORP...
HVI17 HITRON-HVI17 Datasheet
301Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 17-18 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI06 HITRON-HVI06 Datasheet
574Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 6-8 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI63 HITRON-HVI63 Datasheet
218Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI43 HITRON-HVI43 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI14 HITRON-HVI14 Datasheet
339Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME QUAD OUTPUT 14 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10.5 HITRON-HVI10.5 Datasheet
289Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME DUAL OUTPUT 10.5 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVI17 TOTAL-POWER-TPVI17 Datasheet
304Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 17-18 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI17 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com