Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPU60-31 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HPU60-31
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HPU60-31 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HPU60-31 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HPU60-31 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-49-
H HiTRON
UNIVERSAL AC INPUT HARMONIC CORRECTION
AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 60 WATTS
SWITCHING MODE POWER SUPPLIES HPU60 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
MEET IEC 61000-3-2 HARMONIC CORRECTION
MEET UNIVERSAL SAFETY STANDARDS
19” COMPATIBLE EUROCARD FORMAT
EMI MEET EN 55022 & FCC CLASS B
CE MARKING COMPLIANCE
3U X 8HP X 160MM FOR VMEbus STANDARD
In application
GENERAL SPECIFICATION
Efficiency: Typ. 73%.
Switching Frequency: Fixed frequency 83K Hz.
Circuit Topology: Fixed frequency forward circuit.
Transient Response: Output voltage returns in less than
3mS following a 25% load change.
Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Power Density: 1.52 Watts / Cubic Inch.
Operating Temperature: 0 to +50°C.
Storage Temperature: -25 to +85°C.
Temperature Coefficient: Typ. 0.03% /°C.
Cooling: Forced air flow is recommended for full load
>+40°C operation.
Construction format: 3U x 8HP(TE) x 160mm.
VMEbus standard Eurocard format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: DIN 41612 at rear.
Input Frequency: 47-63Hz.
Inrush Current: Typ. ≤30.6A @ 230Vac.
Input Current: 0.73A @ 115Vac, 0.37A @ 230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI/RFI: Meet EN 55022 & FCC B.
Power Indicator: Green LED.
Power Failure Signal: Installed.
Remote On/Off: Installed.
Power Factor Correction: Meet Harmonic Correction
IEC 61000-3-2 .PF typ. 0.97-0.98.
Hold-up Time: 41mS @ 115Vac & 230Vac.
Earth Leakage: Less than 0.40mA @ 230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: DIN 41612 at rear.
Line Regulation: Typ. 0.5%.
Load Regulation: Main VO1 typ. ±1.0%.
Aux.VO2 typ. ±2.0% (Mag. Amp.)
typ. ±3.0%.(P.R.).
Aux.VO3 typ. ±3.0%(P.R.).
Noise & Ripple: Typ. 1% peak to peak.
OVP: Built-in at main VO1.
Adjustability: Available at VO1 & VO2.
Overload Protection (OLP): Fully protected against
output overload and short circuit.
Consult the factory for OLP setting.


Similar Part No. - HPU60-31

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HPU60-31 TOTAL-POWER-HPU60-31 Datasheet
367Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD 60 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU60 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com