Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIBPAL22V10-15BC Datasheet(PDF) 9 Page - Texas Instruments

Part # TIBPAL22V10-15BC
Description  HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL22V10-15BC Datasheet(HTML) 9 Page - Texas Instruments

Back Button TIBPAL22V10-15BC Datasheet HTML 5Page - Texas Instruments TIBPAL22V10-15BC Datasheet HTML 6Page - Texas Instruments TIBPAL22V10-15BC Datasheet HTML 7Page - Texas Instruments TIBPAL22V10-15BC Datasheet HTML 8Page - Texas Instruments TIBPAL22V10-15BC Datasheet HTML 9Page - Texas Instruments TIBPAL22V10-15BC Datasheet HTML 10Page - Texas Instruments TIBPAL22V10-15BC Datasheet HTML 11Page - Texas Instruments TIBPAL22V10-15BC Datasheet HTML 12Page - Texas Instruments TIBPAL22V10-15BC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
IIL
VCC = 5.25 V,
VI = 0.4 V
mA
TIBPAL22V10-15BC
HIGH-PERFORMANCE IMPACT-X
™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS009A – D3356, OCTOBER 1989 – REVISED JUNE 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
9
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4.75 V,
IOH = – 3.2 mA
2.4
3.5
V
VOL
VCC = 4.75 V,
IOL = 16 mA
0.35
0.5
V
IOZH
VCC = 5.25 V,
VO = 2.7 V
0.1
mA
IOZL
VCC = 5.25 V,
VO = 0.4 V
– 0.1
mA
II
VCC = 5.25 V,
VI = 5.5 V
1
mA
IIH
VCC = 5.25 V,
VI = 2.7 V
25
µA
CLK
– 0.15
All others
– 0.1
IOS‡
VCC = 5.25 V,
VO = 0.5 V
–30
–90
mA
ICC
VCC = 5.25 V,
VI = GND,
Outputs open
155
180
mA
Ci
f = 1 MHz,
VI = 2 V
5.5
pF
Co
f = 1 MHz,
VO = 2 V
8
pF
Cclk
f = 1 MHz,
VCLK = 2 V
7
pF
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITION
MIN
TYP†
MAX
UNIT
fmax§
External feedback
40
60
MHz
tpd
I, I/O
I/O
11
15
ns
tpd
I, I/O (reset)
Q
R1 = 300
Ω,
13
20
ns
tpd
CLK
Q
R2 = 390
Ω,
7
12
ns
tpd
CLK
I/O
See Figure 4
15
22
ns
ten
I, I/O
I/O, Q
11
15
ns
tdis
I, I/O
I/O, Q
11
15
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. VO is set at 0.5 V to
avoid test problems caused by test equipment ground degradation.
§ fmax (with feedback) =
1
tsu ) tpd(CLK to Q)
.


Similar Part No. - TIBPAL22V10-15BC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10-10C TI-TIBPAL22V10-10C Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-10CFN TI-TIBPAL22V10-10CFN Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-10CNT TI-TIBPAL22V10-10CNT Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
More results

Similar Description - TIBPAL22V10-15BC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10-10C TI-TIBPAL22V10-10C Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
160Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-20M TI-TIBPAL22V10-20M Datasheet
164Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-7C TI-TIBPAL22V10-7C Datasheet
154Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10C TI-TIBPAL22V10C Datasheet
158Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
211Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XE PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-5C TI1-TIBPAL22V10-5C Datasheet
171Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XLE PROGRAMMABLE ARRAY LOGIC CIRCUIT
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com