Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIBPAL16R6-7M Datasheet(PDF) 11 Page - Texas Instruments

Part # TIBPAL16R6-7M
Description  HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL16R6-7M Datasheet(HTML) 11 Page - Texas Instruments

Back Button TIBPAL16R6-7M Datasheet HTML 7Page - Texas Instruments TIBPAL16R6-7M Datasheet HTML 8Page - Texas Instruments TIBPAL16R6-7M Datasheet HTML 9Page - Texas Instruments TIBPAL16R6-7M Datasheet HTML 10Page - Texas Instruments TIBPAL16R6-7M Datasheet HTML 11Page - Texas Instruments TIBPAL16R6-7M Datasheet HTML 12Page - Texas Instruments TIBPAL16R6-7M Datasheet HTML 13Page - Texas Instruments TIBPAL16R6-7M Datasheet HTML 14Page - Texas Instruments TIBPAL16R6-7M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
VO = 2 V
VI = 2 V
f = 1 MHz,
f = 1 MHz,
Ci
Co
pF
pF
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
TIBPAL16R4-5C, TIBPAL16R6-5C
HIGH-PERFORMANCE IMPACT-X
™ PAL® CIRCUITS
SRPS011D – D3359, OCTOBER 1989 – REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
11
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = – 18 mA
– 0.8
– 1.5
V
VOH
VCC = 4.75 V,
IOH = – 3.2 mA
2.4
2.7
V
VOL
VCC = 4.75 V,
IOL = 24 mA
0.3
0.5
V
IOZH‡
VCC = 5.25 V,
VO = 2.7 V
100
µA
IOZL‡
VCC = 5.25 V,
VO = 0.4 V
–100
µA
II
VCC = 5.25 V,
VI = 5.5 V
100
µA
IIH‡
VCC = 5.25 V,
VI = 2.7 V
25
µA
IIL‡
VCC = 5.25 V,
VI = 0.4 V
– 250
µA
IOS§
VCC = 5.25 V,
VO = 0.5 V
–30
–70
–130
mA
ICC
VCC = 5.25 V,
VI = 0,
Outputs open
200
mA
I
7
CLK/OE
5
I/O
10
Q
7
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
TIBPAL16R4-5CFN
TIBPAL16R6-5CFN
TIBPAL16R4-5CJ
TIBPAL16R6-5CJ
TIBPAL16R4-5CN
TIBPAL16R6-5CN
MIN
TYP†
MAX
MIN
TYP†
MAX
without feedback
125
125
fmax¶
with internal feedback (counter configuration)
125
125
MHz
with external feedback
117
111
tpd
CLK
Q
1.5
4
1.5
4.5
ns
tpd
CLK
Internal feedback
R1 = 200
Ω,
3.5
3.5
ns
tpd
I, I/O
I/O
R2 = 200
Ω,
1.5
5
1.5
5
ns
ten
OE
Q
See Figure 8
1.5
6
1.5
6
ns
tdis
OE
Q
1
6.5
1
7
ns
ten
I, I/O
I/O
2
7
2
7
ns
tdis
I, I/O
I/O
2
7
2
7
ns
tr
1.5
1.5
ns
tf
1.5
1.5
ns
tsk (o) #
Skew between registered outputs
0.5
0.5
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ I/O leakage is the worst case of IOZL and IIL or IOZH and IIH, respectively.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. VO is set at 0.5 V to
avoid test problems caused by test equipment ground degradation.
¶ See ’fmax Specification’ near the end of this data sheet.
# tsk(o) is the skew time between registered outputs.


Similar Part No. - TIBPAL16R6-7M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16R6-7C TI-TIBPAL16R6-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16R6-7CFN TI-TIBPAL16R6-7CFN Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16R6-7CJ TI-TIBPAL16R6-7CJ Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16R6-7CN TI-TIBPAL16R6-7CN Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results

Similar Description - TIBPAL16R6-7M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com