Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIBPAL20R6-10C Datasheet(PDF) 10 Page - Texas Instruments

Part # TIBPAL20R6-10C
Description  HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL20R6-10C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TIBPAL20R6-10C Datasheet HTML 6Page - Texas Instruments TIBPAL20R6-10C Datasheet HTML 7Page - Texas Instruments TIBPAL20R6-10C Datasheet HTML 8Page - Texas Instruments TIBPAL20R6-10C Datasheet HTML 9Page - Texas Instruments TIBPAL20R6-10C Datasheet HTML 10Page - Texas Instruments TIBPAL20R6-10C Datasheet HTML 11Page - Texas Instruments TIBPAL20R6-10C Datasheet HTML 12Page - Texas Instruments TIBPAL20R6-10C Datasheet HTML 13Page - Texas Instruments TIBPAL20R6-10C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
VO = 0.4 V
IOZL‡
VCC = 5.25 V,
µA
VO = 2.7 V
IOZH‡
VCC = 5.25 V,
µA
TIBPAL20L8-10C, TIBPAL20R4-10C, TIBPAL20R6-10C, TIBPAL20R8-10C
HIGH-PERFORMANCE IMPACT-X
™ PAL® CIRCUITS
SRPS008A – D3336, OCTOBER 1989 – REVISED MARCH 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
10
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = – 18 mA
–0.8
– 1.5
V
VOH
VCC = 4.75 V,
IOH = – 3.2 mA
2.4
V
VOL
VCC = 4.75 V,
IOL = 24 mA
0.3
0.5
V
O, Q outputs
20
I/O ports
100
O, Q outputs
–20
I/O ports
– 100
II
VCC = 5.25 V,
VI = 5.5 V
0.2
mA
IIH‡
VCC = 5.25 V,
VI = 2.7 V
25
µA
IIL‡
VCC = 5.25 V,
VI = 0.4 V
– 0.25
mA
IOS§
VCC = 5.25 V,
VO = 0.5 V
–30
–70
– 130
mA
ICC
VCC = 5.25 V,
Outputs open,
VI = 0,
OE = VIH
210
mA
Ci
f = 1 MHz,
VI = 2 V
7
pF
Co
f = 1 MHz,
VO = 2 V
8
pF
Cclk
f = 1 MHz,
VCLK = 2 V
12
pF
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITION
MIN
TYP†
MAX
UNIT
without feedback
71.4
fmax¶
with internal feedback
(counter configuration)
58.8
MHz
with external feedback
55.5
tpd
I, I/O
O, I/O
R1 = 200
Ω,
3
8
10
tpd
CLK
Q
R2 = 390
Ω,
2
5
8
ns
tpd#
CLK
Feedback input
See Figure 6
7
ns
ten
OE
Q
2
6
10
ns
tdis
OE
Q
2
6
10
ns
ten
I, I/O
O, I/O
3
8
10
ns
tdis
I, I/O
O, I/O
2
8
10
ns
tsk(o)||
Skew between registered outputs
0.5
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ I/O leakage is the worst case of IOZL and IIL or IOZH and IIH respectively.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. VO is set at 0.5 V to
avoid test problems caused by test equipment ground degradation.
¶ See section for fmax specifications. fmax does not apply for TIBPAL20L8’.
# This parameter applies to TIBPAL20R4’ and TIBPAL20R6’ only (see Figure 4 for illustration) and is calculated from the measured fmaxwithinternal
feedback in the counter configuration.
|| This parameter is the measurement of the difference between the fastest and slowest tpd (CLK-to-Q) observed when multiple registered outputs
are switching in the same direction.


Similar Part No. - TIBPAL20R6-10C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20R6-10C TI-TIBPAL20R6-10C Datasheet
922Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
More results

Similar Description - TIBPAL20R6-10C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20R3 TI-TIBPAL20R3 Datasheet
922Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_08 Datasheet
590Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com